Electronic Components Datasheet Search
  English  ▼

X  

25TTS08S Datasheet(PDF) 7 Page - International Rectifier

Part # 25TTS08S
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS08S Datasheet(HTML) 7 Page - International Rectifier

  25TTS08S Datasheet HTML 1Page - International Rectifier 25TTS08S Datasheet HTML 2Page - International Rectifier 25TTS08S Datasheet HTML 3Page - International Rectifier 25TTS08S Datasheet HTML 4Page - International Rectifier 25TTS08S Datasheet HTML 5Page - International Rectifier 25TTS08S Datasheet HTML 6Page - International Rectifier 25TTS08S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
25TTS.. S Series
Outline Table
(K)
(G)
1 (K) Cathode
2 (A) Anode
3 (G) Gate
(A)
10.16 (0.40)
REF.
8.89 (0.35)
4.57 (0.18)
4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
13
6.47 (0.25)
6.18 (0.24)
93°
REF.
2.61 (0.10)
2.32 (0.09)
5.28 (0.21)
4.78 (0.19)
4.69 (0.18)
4.20 (0.16)
0.55 (0.02)
0.46 (0.02)
14.73 (0.58)
15.49 (0.61)
1.40 (0.055)
1.14 (0.045)
3X
0.93 (0.37)
0.69 (0.27)
2X
11.43 (0.45)
17.78 (0.70)
8.89 (0.35)
3.81 (0.15)
2.08 (0.08)
2X
2.54 (0.10)
2X
MINIMUM RECOMMENDED F OOTPRIN T
2
25
T
T
S
12
S
TRL
Device Code
1
5
24
3
Ordering Information Table
6
1
-
Current Rating, RMS value
2
-
Circuit Configuration
T = Single Thyristor
3
-
Package
T = TO-220AC
4
-
Type of Silicon
S = Converter Grade
5
-
Voltage code: Code x 100 = V
RRM
6
-
S = TO-220 D2Pak (SMD 220) Version
7
-
Tape and Reel Option
TRL = Left Reel
TRR = Right Orientation Reel
08 = 800V
12 = 1200V
Dimensions in millimeters and inches
(G) 3
2
(A)
1 (K)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com