Electronic Components Datasheet Search
  English  ▼

X  

MBRS540 Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # MBRS540
Description  5.0A Surface Mount Schottky Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MBRS540 Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  MBRS540 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MBRS540 Datasheet HTML 2Page - SUNMATE electronic Co., LTD MBRS540 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3of3
Figure 5. Current Derating
25
45
85
65
0
5
TL, LEAD TEMPERATURE (°C)
Figure 6. Forward Power Dissipation
13
4
6
02
5
4.5
0
1.5
IO, AVERAGE FORWARD CURRENT (AMPS)
1
2
3
4
9
6
7
8
SQUARE WAVE
dc
Ipk/IO = 20
79
8
0.5
1
2.5
2
4
105
145
125
Ipk/IO = 10
Ipk/IO = 5
Ipk/IO = p
freq = 20 kHz
3.5
3
dc
SQUARE
WAVE
Ipk/IO = p
Ipk/IO = 5
Ipk/IO = 10
Ipk/IO = 20
Figure 9. Thermal Response − MBRS540T3 on min pad
Test Type > min pad 1 oz
RqJC = min pad 1 oz C/W
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
t, TIME (s)
Figure 10. Thermal Response − MBRS540T3 on 1” pad
100
1
0.1
0.2
D = 0.5
0.05
SINGLE PULSE
0.1
0.00001
0.0001
0.001
0.01
1
100
1000
0.01
10
0.1
10
Test Type > min pad 1 oz
RqJC = min pad 1 oz C/W
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
t, TIME (s)
1000
1
0.1
0.2
D = 0.5
0.05
SINGLE PULSE
0.1
0.00001
0.0001
0.001
0.01
1
100
1000
0.01
10
0.1
10
0.02
0.02
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com