Electronic Components Datasheet Search
  English  ▼

X  

MCL103B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MCL103B
Description  200mA Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MCL103B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MCL103B Datasheet HTML 1Page - SUNMATE electronic Co., LTD MCL103B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Surface Mount Schottky Barrier Diode
SOD-80 Glass case
MCL103A-MCL103C
1 of 2
Features
·
·
·
Features
·
Mechanical Data
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
@ TA = 25
°C unless otherwise specified
Maximum Ratings and Electrical Characteristics
·
SOD-80
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Low forward voltage drop
Low leakage current
Low capacitance
Integrated protection ring against static
discharge
and WEEE 2002/96/EC
·
·
Case:
Weight: approx. 12 mg
Cathode Band Color: Black
Packaging Codes/Options:
TR3 / 10 k per 13" reel (8 mm tape), 10 k/box
TR / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
·
·
·
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
MCL103A
VR
40
V
MCL103B
VR
30
V
MCL103C
VR
20
V
Forward continuous current
IF
200
mA
Peak forward surge current
tp = 300 µs, square pulse
IFSM
15
A
Power dissipation
l = 4 mm, TL = constant
Ptot
400
mW
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse Breakdown Voltage
IR = 10 µA
MCL103A
V(BR)R
40
V
MCL103B
V(BR)R
30
V
MCL103C
V(BR)R
20
V
Leakage current
VR = 30 V
MCL103A
IR
5µA
VR = 20 V
MCL103B
IR
5µA
VR = 10 V
MCL103C
IR
5µA
Forward voltage drop
IF = 20 mA
VF
370
mV
IF = 200 mA
VF
600
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
50
pF
Reverse recovery time
IF = IR = 50 to 200 mA,
recover to 0.1 IR
trr
10
ns


Similar Part No. - MCL103B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL103B DIOTEC-MCL103B Datasheet
55Kb / 2P
Surface mount Schottky-Barrier Diodes
logo
Vishay Siliconix
MCL103B VISHAY-MCL103B Datasheet
122Kb / 5P
Small Signal Schottky Diodes
07-Mar-06
logo
SEMTECH ELECTRONICS LTD...
MCL103B SEMTECH_ELEC-MCL103B Datasheet
190Kb / 2P
SILICON SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
MCL103B GOOD-ARK-MCL103B Datasheet
96Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL103B VISHAY-MCL103B Datasheet
164Kb / 5P
Small Signal Schottky Diodes
05-Aug-10
More results

Similar Description - MCL103B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
200mA Surface Mount Schottky Barrier Rectifiers
BAT54HT1G SUNMATE-BAT54HT1G Datasheet
318Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT85S SUNMATE-BAT85S Datasheet
151Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
LS103A SUNMATE-LS103A Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
RB520S-30 SUNMATE-RB520S-30 Datasheet
303Kb / 3P
200mA Surface Mount Schottky Barrier Diode
RB520S-40 SUNMATE-RB520S-40 Datasheet
351Kb / 3P
200mA Surface Mount Schottky Barrier Diode
RB521S-30 SUNMATE-RB521S-30 Datasheet
203Kb / 2P
200mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com