Electronic Components Datasheet Search
  English  ▼

X  

MURA115 Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # MURA115
Description  1.0A Surface Mount Super Fast Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MURA115 Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  MURA115 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MURA115 Datasheet HTML 2Page - SUNMATE electronic Co., LTD MURA115 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
dc
20
32
24
16
0
840
VR, REVERSE VOLTAGE (VOLTS)
TL, LEAD TEMPERATURE (°C)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Lead
Figure 8. Current Derating, Ambient
(FR-4 Board with Minimum Pad)
10
50
0
110
100
90
0
5
80
1
130
120
180
20
0
VR, REVERSE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
10
50
80
60
40
20
100
0
1.5
0
1
0.25
140
120
Figure 9. Power Dissipation
0
2
1.5
1
0.5
3.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0.5
0
28
20
12
436
15
5
25
32
24
16
840
028
20
12
436
25
5
15
2
3
1.5
160
180
1.25
NOTE: TYPICAL
CAPACITANCE AT
0 V = 45 pF
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 47 pF
dc
SQUARE WAVE
dc
SQUARE WAVE
SQUARE WAVE
150
140
170
160
4
2.5
30
35
40
45
30
35
40
45
1
3
0.5
0.75
2.5
3
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com