Electronic Components Datasheet Search
  English  ▼

X  

25TTS12STRR Datasheet(PDF) 5 Page - International Rectifier

Part # 25TTS12STRR
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS12STRR Datasheet(HTML) 5 Page - International Rectifier

  25TTS12STRR Datasheet HTML 1Page - International Rectifier 25TTS12STRR Datasheet HTML 2Page - International Rectifier 25TTS12STRR Datasheet HTML 3Page - International Rectifier 25TTS12STRR Datasheet HTML 4Page - International Rectifier 25TTS12STRR Datasheet HTML 5Page - International Rectifier 25TTS12STRR Datasheet HTML 6Page - International Rectifier 25TTS12STRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
25TTS.. S Series
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Gate Characteristics
Fig. 9 - Thermal Impedance Z
thJC
Characteristics
1
10
100
1000
01234
5
T = 25°C
J
T = 125°C
J
25TTS.. Series
Instantaneous On-state Voltage (V)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
(b)
(a)
Rectangular gate pulse
(4)
(3)
(2) (1)
Instantaneous Gate Current (A)
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
25TTS..
a)Recommended load line for
rated di/dt: 10 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30% rated di/dt: 10 V, 65 ohms
tr = 1 µs, tp >= 6 µs
(1) PGM = 40 , tp = 1 ms
(2) PGM = 20 W, tp = 2 ms
(3) PGM = 8 W, tp = 5 ms
(4) PGM = 4 W, tp = 10 ms
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
25TTS.. Series
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com