Electronic Components Datasheet Search
  English  ▼

X  

R2500F Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # R2500F
Description  0.2A Axial Leaded High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

R2500F Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  R2500F Datasheet HTML 1Page - SUNMATE electronic Co., LTD R2500F Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
·
Mechanical Data
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Low cos t
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with alcohol,Isopropanol
The plas tic m aterial carries U/L recognition 94V-0
and sim ilar s olvents
Term inals: Axial lead ,solderable per
Polarity: Color band denotes cathode
Mounting pos ition: Any
MIL- STD-202,Method 208
R2500F-R5000F
0.2A Axial Leaded High Voltage Rectifier
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
Case:JEDEC DO--15,m olded plastic
Weight: 0.014 ounces ,0.39 gram s
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 0.2A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 150
NOTE: 1. Measured with I
F=0.5A, I R=1A, Irr=0. 25A.
100.0
- 55 ---- + 150
R2500F
R3000F
A
5.0
IF(AV)
0.2
2500
3000
4000
5000
A
A
30.0
IFSM
IR
500
15
2. Measured at 1.0MH
Z and applied rev ers e v olt age of 4. 0V D C .
4.0
5.0
2500
1750
3000
2100
6.5
R4000F
R5000F
4000
2800
5000
3500


Similar Part No. - R2500F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Bytes
R2500F BYTES-R2500F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R2500F DCCOM-R2500F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Formosa MS
R2500F FORMOSA-R2500F Datasheet
34Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
R2500F ETC-R2500F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - R2500F

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1SS141 SUNMATE-1SS141 Datasheet
141Kb / 1P
0.1/0.2A Axial Leaded Small Signal Switching Diode
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
0.2A Axial Leaded Small Signal Schottky Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
0.2A Axial Leaded Schottky Barrier Diodes
HVM5 SUNMATE-HVM5 Datasheet
45Kb / 1P
0.35A Axial Leaded High Voltage Rectifier
R1200F SUNMATE-R1200F Datasheet
246Kb / 2P
0.2/0.5A Axial Leaded High Voltage Rectifier
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
1.0A Axial Leaded High-Voltage Schottky Rectifier
logo
Voltage Multipliers Inc...
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
SPJ100S VMI-SPJ100S_13 Datasheet
127Kb / 2P
High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com