Electronic Components Datasheet Search
  English  ▼

X  

CPV362MF Datasheet(PDF) 6 Page - International Rectifier

Part # CPV362MF
Description  IGBT SIP MODULE Fast IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV362MF Datasheet(HTML) 6 Page - International Rectifier

  CPV362MF Datasheet HTML 1Page - International Rectifier CPV362MF Datasheet HTML 2Page - International Rectifier CPV362MF Datasheet HTML 3Page - International Rectifier CPV362MF Datasheet HTML 4Page - International Rectifier CPV362MF Datasheet HTML 5Page - International Rectifier CPV362MF Datasheet HTML 6Page - International Rectifier CPV362MF Datasheet HTML 7Page - International Rectifier CPV362MF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
C-146
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Fig. 13 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
CPV362MF
0.1
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
0 .0
1 .0
2 .0
3 .0
4 .0
4
8
1 2
1 6
2 0
C
I
, C o lle cto r-to -E m itte r C u rre n t (A )
R
= 5 0
T
= 150 °C
V
= 4 80 V
V
= 15 V
G
C
C C
G E
Ω
1
1 0
1 0 0
1
1 0
1 0 0
1 0 0 0
C E
G E
V
, C o lle cto r-to-E m itte r V olta g e (V )
S A F E O P E R A T IN G A R E A
V
= 20 V
T
= 125 °C
G E
J
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com