Electronic Components Datasheet Search
  English  ▼

X  

SSM2018T Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2018T
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2018T Datasheet(HTML) 2 Page - Analog Devices

  SSM2018T_15 Datasheet HTML 1Page - Analog Devices SSM2018T_15 Datasheet HTML 2Page - Analog Devices SSM2018T_15 Datasheet HTML 3Page - Analog Devices SSM2018T_15 Datasheet HTML 4Page - Analog Devices SSM2018T_15 Datasheet HTML 5Page - Analog Devices SSM2018T_15 Datasheet HTML 6Page - Analog Devices SSM2018T_15 Datasheet HTML 7Page - Analog Devices SSM2018T_15 Datasheet HTML 8Page - Analog Devices SSM2018T_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
SSM1018T/SSM2118T–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Units
AUDIO PERFORMANCE
1
Noise
VIN = GND, 20 kHz Bandwidth
–95
–93
dBu
Headroom
Clip Point = 1% THD+N
+22
dBu
Total Harmonic Distortion plus Noise
2nd and 3rd Harmonics Only (+25
°C to +85°C)
AV = 0 dB, VIN = +10 dBu
0.006
0.025
%
AV = +20 dB, VIN = –10 dBu
0.013
0.04
%
AV = –20 dB, VIN = +10 dBu
2
0.013
0.04
%
INPUT AMPLIFIER
Bias Current
VCM = 0 V
0.25
1
µA
Offset Voltage
VCM = 0 V
1
15
mV
Offset Current
VCM = 0 V
10
100
nA
Input Impedance
4M
Ω
Common-Mode Range
±13
V
Gain Bandwidth
VCA Configuration
0.7
MHz
VCP Configuration
14
MHz
Slew Rate
5V/
µs
OUTPUT AMPLIFIER (SSM2018T)
Offset Voltage
VIN = 0 V, VC = +4 V
1.0
15
mV
Output Voltage Swing
IOUT = 1.5 mA
Positive
+10
+13
V
Negative
–10
–14
V
Minimum Load Resistance
For Full Output Swing
9
k
Ω
CONTROL PORT
Bias Current
0.36
1
µA
Input Impedance
1M
Ω
Gain Constant
Device Powered in Socket > 60 sec
–30
mV/dB
Gain Constant Temperature Coefficient
–3500
ppm/
°C
Control Feedthrough
0 dB to –40 dB Gain Range
±1
±4mV
Maximum Attenuation
VC = +4 V
100
dB
POWER SUPPLIES
Supply Voltage Range
±5
±18
V
Supply Current
11
15
mA
Power Supply Rejection Ratio
80
dB
NOTES
1SSM2118T tested and characterized using OP275 as current-to-voltage converter, see figure next page.
2Guaranteed by characterization data and testing at A
V = 0 dB.
Specifications subject to change without notice.
[VS =
±15 V, A
V = 0 dB, RL = 100 k
Ω, f = 1 kHz, 0 dBu = 0.775 V rms, simple VCA application
circuit with 18 k
Ω resistors, –V
IN floating, and Class AB gain core bias (RB = 150 k
Ω), –40°C < T
A < +85
°C, unless otherwise noted. Typical
specifications apply at TA = +25
°C.]
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com