Electronic Components Datasheet Search
  English  ▼

X  

CPV363MU Datasheet(PDF) 1 Page - International Rectifier

Part # CPV363MU
Description  IGBT SIP MODULE Ultra-Fast IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV363MU Datasheet(HTML) 1 Page - International Rectifier

  CPV363MU Datasheet HTML 1Page - International Rectifier CPV363MU Datasheet HTML 2Page - International Rectifier CPV363MU Datasheet HTML 3Page - International Rectifier CPV363MU Datasheet HTML 4Page - International Rectifier CPV363MU Datasheet HTML 5Page - International Rectifier CPV363MU Datasheet HTML 6Page - International Rectifier CPV363MU Datasheet HTML 7Page - International Rectifier CPV363MU Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
C-749
CPV363MU
IGBT SIP MODULE
Features
Parameter
Typ.
Max.
Units
RθJC (IGBT)
Junction-to-Case, each IGBT, one IGBT in conduction
—
3.5
RθJC (DIODE)
Junction-to-Case, each diode, one diode in conduction
—
5.5
°C/W
RθCS (MODULE)
Case-to-Sink,flat,greased surface
0.1
—
Wt
Weight of module
20 (0.7)
—
g (oz)
• Fully isolated printed circuit board mount package
• Switching-loss rating includes all "tail" losses
• HEXFRED
TM soft ultrafast diodes
• Optimized for high operating frequency (over 5kHz)
See Fig. 1 for Current vs. Frequency curve
5.4 ARMS per phase (1.7 kW total) with T C = 90°C, TJ = 125°C, Supply Voltage 360Vdc,
Power Factor 0.8, Modulation Depth 80% (See Figure 1)
Output Current in a Typical 20 kHz Motor Drive
Product Summary
PD - 5.024A
Ultra-Fast IGBT
Description
The IGBT technology is the key to International Rectifier's advanced line of
IMS (Insulated Metal Substrate) Power Modules. These modules are more
efficient than comparable bipolar transistor modules, while at the same time
having the simpler gate-drive requirements of the familiar power MOSFET.
This superior technology has now been coupled to a state of the art materials
system that maximizes power throughput with low thermal resistance. This
package is highly suited to motor drive applications and where space is at a
premium.
Thermal Resistance
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current, each IGBT
13
IC @ TC = 100°C
Continuous Collector Current, each IGBT
6.8
ICM
Pulsed Collector Current
40
A
ILM
Clamped Inductive Load Current
40
IF @ TC = 100°C
Diode Continuous Forward Current
6.1
IFM
Diode Maximum Forward Current
40
VGE
Gate-to-Emitter Voltage
±20
V
VISOL
Isolation Voltage, any terminal to case, 1 min.
2500
VRMS
PD @ TC = 25°C
Maximum Power Dissipation, each IGBT
36
W
PD @ TC = 100°C
Maximum Power Dissipation, each IGBT
14
TJ
Operating Junction and
-40 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
5-7 lbf•in (0.55-0.8 N•m)
3
6
7
13
19
18
15
10
16
4
9
12
D1
D3
D5
D2
D4
D6
Q1
Q2
Q3
Q4
Q5
Q6
1
IMS-2
Revision 1
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - CPV363MU

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV363M4F IRF-CPV363M4F Datasheet
269Kb / 10P
IGBT SIP MODULE
CPV363M4K IRF-CPV363M4K Datasheet
176Kb / 10P
IGBT SIP MODULE
logo
Vishay Siliconix
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
01-Sep-08
logo
International Rectifier
CPV363M4U IRF-CPV363M4U Datasheet
275Kb / 10P
IGBT SIP MODULE
logo
Vishay Siliconix
CPV363M4UPBF VISHAY-CPV363M4UPBF Datasheet
278Kb / 11P
IGBT SIP Module (Ultrafast IGBT)
01-Sep-08
More results

Similar Description - CPV363MU

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPU165MF IRF-CPU165MF Datasheet
498Kb / 8P
IGBT SIP MODULE Fast IGBT
CPU165MU IRF-CPU165MU Datasheet
441Kb / 8P
IGBT SIP MODULE Ultra-Fast IGBT
CPV362MF IRF-CPV362MF Datasheet
458Kb / 8P
IGBT SIP MODULE Fast IGBT
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
IGBT SIP MODULE Ultra-Fast IGBT
CPV363MF IRF-CPV363MF Datasheet
453Kb / 8P
IGBT SIP MODULE Fast IGBT
CPV364MF IRF-CPV364MF Datasheet
460Kb / 8P
IGBT SIP MODULE Fast IGBT
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
IGBT SIP MODULE Ultra-Fast IGBT
logo
Vishay Siliconix
CPV362M4UPBF VISHAY-CPV362M4UPBF Datasheet
298Kb / 11P
IGBT SIP Module (Fast IGBT)
01-Sep-08
VS-CPV362M4UPBF VISHAY-VS-CPV362M4UPBF Datasheet
263Kb / 10P
IGBT SIP Module(Fast IGBT)
25-Oct-17
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
IGBT SIP Module (Fast IGBT)
25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com