Electronic Components Datasheet Search
  English  ▼

X  

TMP01 Datasheet(PDF) 4 Page - Analog Devices

Part # TMP01
Description  Low Power Programmable Temperature Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP01 Datasheet(HTML) 4 Page - Analog Devices

  TMP01_15 Datasheet HTML 1Page - Analog Devices TMP01_15 Datasheet HTML 2Page - Analog Devices TMP01_15 Datasheet HTML 3Page - Analog Devices TMP01_15 Datasheet HTML 4Page - Analog Devices TMP01_15 Datasheet HTML 5Page - Analog Devices TMP01_15 Datasheet HTML 6Page - Analog Devices TMP01_15 Datasheet HTML 7Page - Analog Devices TMP01_15 Datasheet HTML 8Page - Analog Devices TMP01_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TMP01
Rev. E | Page 4 of 20
V+
1k
Ω
20pF
Figure 2. Test Load
TMP01FJ
TO-99 metal can package. V+ = 5 V, GND = 0 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUTS SET HIGH, SET LOW
Offset Voltage
VOS
0.25
mV
Offset Voltage Drift
TCVOS
3
μV/°C
Input Bias Current, F Grade
IB
25
100
nA
OUTPUT VPTAT
Output Voltage
VPTAT
TA = 25°C, no load
1.49
V
Scale Factor1
TCVPTAT
5
mV/K
Temperature Accuracy, F Grade
TA = 25°C, no load
−3
±1.0
3
°C
Temperature Accuracy, F Grade
10°C < TA < 40°C, no load
±1.5
°C
Temperature Accuracy, F Grade
−40°C < TA < 85°C, no load
−5.0
±2
5.0
°C
Temperature Accuracy, F Grade
ΔVPTAT
−55°C < TA < 125°C, no load
±2.5
°C
Repeatability Error2
0.25
Degree
Long-Term Drift Error3, 4
0.25
0.5
Degree
Power Supply Rejection Ratio
PSRR
TA = 25°C, 4.5 V ≤ V+ ≤ 13.2 V
±0.02
±0.1
%/V
OUTPUT VREF
Output Voltage, F Grade
VREF
TA = 25°C, no load
2.490
2.500
2.510
V
Output Voltage, F Grade
VREF
−40°C < TA < 85°C, no load
2.485
2.500
2.515
V
Output Voltage, F Grade
VREF
−55°C < TA < 125°C, no load
2.5 ± 0.015
V
Drift
TCVREF
−10
ppm/°C
Line Regulation
4.5 V ≤ V+ ≤ 13.2 V
±0.01
±0.05
%/V
Load Regulation
10 μA ≤ IVREF ≤ 500 μA
±0.1
±0.25
%/mA
Output Current, Zero Hysteresis
IVREF
7
μA
Hysteresis Current Scale Factor1
SFHYS
5.0
μA/°C
Turn-On Settling Time
To rated accuracy
25
μs
OPEN-COLLECTOR OUTPUTS OVER, UNDER
Output Low Voltage
VOL
ISINK = 1.6 mA
0.25
0.4
V
VOL
ISINK = 20 mA
0.6
V
Output Leakage Current
IOH
V+ = 12 V
1
100
μA
Fall Time
tHL
See Figure 2
40
ns
POWER SUPPLY
Supply Range
V+
4.5
13.2
V
Supply Current
ISY
Unloaded, +V = 5 V
400
500
μA
ISY
Unloaded, +V = 13.2 V
450
800
μA
Power Dissipation
PDISS
+V = 5 V
2.0
2.5
mW
1K = °C + 273.15.
2Maximum deviation between 25°C readings after temperature cycling between −55°C and +125°C.
3Guaranteed but not tested.
4Observed in a group sample over an accelerated life test of 500 hours at 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com