Electronic Components Datasheet Search
  English  ▼

X  

WPANTDP012 Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP012
Description  WPANTDP012 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP012 Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP012 Datasheet HTML 1Page - World Produts Inc. WPANTDP012 Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WP Wireless — A Division of World Products LLC. || 19656 Eighth Street East || Sonoma, CA, 95476, USA
[O]: +1-707-996-5201 || [F]: +1-707-996-3380 || [E]: sales@wp-wireless.com || [W]: www.wp-wireless.com
Page 1 of 2
Rev: 1.0
Created on: April 12
th 2011
Created by: MKS
Approved By: BP
WPANTDP012
2.4 GHz Wi-Fi Whip Antenna
Picture of the Part
Application
WPANTDP012 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna. It comes with a SMA female
connector that has a swivel mechanism.
WP Wireless can assist your engineers to optimize mounting positions for these antennas in your specific application
and can further assist to trouble shoot system integration issues such as TRP/TIS and FCC requirements. WP
Wireless specializes in developing customized Antenna solutions. Please contact sales@wp-wireless.com with your
specific application requirements.
Electrical Properties
Parameter
Antenna Performance
Operating Frequency
2.4 – 2.485 GHz
Recommended Impedance of
the customer Radio Module[
]
50Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
4 dBi
Efficiency [%] (Typical)
80 - 90%
Polarization
Vertical
Pattern
Near Omni Directional; Also depends on installation
Accepted Power [W] (Max)
2 Watts


Similar Part No. - WPANTDP012

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP011 WPI-WPANTDP011 Datasheet
118Kb / 2P
WPANTDP011 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP015-S1A WPI-WPANTDP015-S1A Datasheet
124Kb / 2P
The WPANTDP015-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 . 5.9 GHz band
WPANTDP017-S1A WPI-WPANTDP017-S1A Datasheet
129Kb / 2P
The WPANTDP017-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 ??5.9 GHz band
More results

Similar Description - WPANTDP012

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30009-CC WPI-WPANT30009-CC Datasheet
271Kb / 4P
915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30063-S1A WPI-WPANT30063-S1A Datasheet
267Kb / 4P
915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
WPANTDP011 WPI-WPANTDP011 Datasheet
118Kb / 2P
WPANTDP011 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP020 WPI-WPANTDP020 Datasheet
277Kb / 2P
WPANTDP020 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP023 WPI-WPANTDP023 Datasheet
135Kb / 2P
WPANTDP023 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP036 WPI-WPANTDP036 Datasheet
864Kb / 8P
WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
WPANT30009-CC WPI-WPANT30009-CC_15 Datasheet
269Kb / 4P
915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com