Electronic Components Datasheet Search
  English  ▼

X  

IFRI820G Datasheet(PDF) 1 Page - International Rectifier

Part # IFRI820G
Description  Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IFRI820G Datasheet(HTML) 1 Page - International Rectifier

  IFRI820G Datasheet HTML 1Page - International Rectifier IFRI820G Datasheet HTML 2Page - International Rectifier IFRI820G Datasheet HTML 3Page - International Rectifier IFRI820G Datasheet HTML 4Page - International Rectifier IFRI820G Datasheet HTML 5Page - International Rectifier IFRI820G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IFRI820G

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
IFR6015 AEROFLEX-IFR6015 Datasheet
580Kb / 12P
Ramp Test Set
IFR6813 AEROFLEX-IFR6813 Datasheet
153Kb / 4P
Microwave Generator
logo
Rectron Semiconductor
IFR801 RECTRON-IFR801 Datasheet
61Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
IFR802 RECTRON-IFR802 Datasheet
61Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
IFR803 RECTRON-IFR803 Datasheet
61Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - IFRI820G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF820 IRF-IRF820 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF820A IRF-IRF820A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF820AS IRF-IRF820AS Datasheet
133Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFD420 IRF-IRFD420 Datasheet
468Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=0.37A)
IRFD9210 IRF-IRFD9210 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
IRFR420 IRF-IRFR420 Datasheet
170Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.4A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com