Electronic Components Datasheet Search
  English  ▼

X  

JPAD5 Datasheet(PDF) 2 Page - Calogic, LLC

Part # JPAD5
Description  Low Leakage Pico Amp Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

JPAD5 Datasheet(HTML) 2 Page - Calogic, LLC

  JPAD5 Datasheet HTML 1Page - Calogic, LLC JPAD5 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JPAD5 / JPAD10 / JPAD20 / JPAD50 / JPAD100 / JPAD200
SSTPAD5 /SSTPAD10/SSTPAD20/ SSTPAD50/SSTPAD100 /SSTPAD200
LLC
ABSOLUTE MAXIMUM RATINGS (25
oC)
Forward Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Total Device Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360 mW
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Lead Temperature (1/16" from case for 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
oC
ELECTRICAL CHARACTERISTICS (25
oC Unless otherwise noted)
SYMBOL
CHARACTERISTICS
MIN
TYP
MAX
UNIT
TEST CONDITIONS
STATIC
IR
Reverse Current
PAD5
-5
pA
VR = -20 V
PAD10
-10
PAD20
-20
PAD50
-50
PAD100
-100
PAD200
-200
BVR
Breakdown Voltage (Reverse)
-35
-60
V
IR = -1mA
VF
Forward Voltage Drop
0.8
1.5
V
IF = 5 mA
DYNAMIC
CR
Capacitance
1.5
2.0
pF
VR = -5 V, f = 1 MHz
NOTE: Product available in surface mount SOT-23 upon request. Contact factory for further information.
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS045 REV A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com