Electronic Components Datasheet Search
  English  ▼

X  

SST215 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SST215
Description  FAST DMOS FET Switches N-Channel Enhancement-Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SST215 Datasheet(HTML) 1 Page - Calogic, LLC

  SST215 Datasheet HTML 1Page - Calogic, LLC SST215 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST DMOS FET Switches
N-Channel Enhancement-Mode
SST211 / SST213 / SST215
FEATURES
•• High Speed Switching. . . . . . . . . . . . . . . . . . . . td(ON) 1ns
•• Low Capacitance. . . . . . . . . . . . . . . . . . . . . 2.4pF typical
•• Low ON Resistance. . . . . . . . . . . . . . . . . . . . 50Ω typycal
•• High Gain
•• Surface Mount Package
APPLICATIONS
•• Ultra High Speed AnalogSwitching
•• Sample and Hold
•• Multiplexers
•• HighGain Amplifiers
DESCRIPTION
Designed for audio, video and high frequency applications,
the SST211 Series is a high speed, ultra low capacitance
SPST analog switch. Utilizing Calogic’s proprietary DMOS
processing the SST211 Series features an integrated zener
diode designed to protect the gate from electrical over stress.
ORDERING INFORMATION
Part
Package
Temperature Range
SST211
SOT-143 Surface Mount
-55
oC to +125oC
SST213
SOT-143 Surface Mount
-55
oC to +125oC
SST215
SOT-143 Surface Mount
-55
oC to +125oC
XSST211 Sorted Chips in Carriers
-55
oC to +125oC
XSST213 Sorted Chips in Carriers
-55
oC to +125oC
XSST215 Sorted Chips in Carriers
-55
oC to +125oC
LLC
PIN CONFIGURATION
SCHEMATIC DIAGRAM
3
2
4
1
GATE
(3)
DRAIN
(2)
BODY
(4)
SOURCE
(1)
CD1-1
PRODUCT MARKING
SST211
211
SST213
213
SST215
215
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS067 REV A


Similar Part No. - SST215

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST215 CALOGIC-SST215 Datasheet
26Kb / 2P
FAST DMOS FET Switches N-Channel Enhancement-Mode
logo
Linear Integrated Syste...
SST215 LINEAR-SST215 Datasheet
357Kb / 2P
HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SST215 LINEAR-SST215 Datasheet
513Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SST215 LINEAR-SST215 Datasheet
220Kb / 4P
N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SST215 LINEAR-SST215 Datasheet
511Kb / 3P
N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
More results

Similar Description - SST215

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Calogic, LLC
SST211 CALOGIC-SST211 Datasheet
26Kb / 2P
FAST DMOS FET Switches N-Channel Enhancement-Mode
logo
Zetex Semiconductors
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Micross Components
SD210DE MICROSS-SD210DE Datasheet
240Kb / 1P
N-Channel Enhancement Mode DMOS Lateral Switches
SD214DE MICROSS-SD214DE Datasheet
261Kb / 1P
N-Channel Enhancement Mode DMOS Lateral Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com