Electronic Components Datasheet Search
  English  ▼

X  

IR2117 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2117
Description  SINGLE CHANNEL DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2117 Datasheet(HTML) 3 Page - International Rectifier

  IR2117 Datasheet HTML 1Page - International Rectifier IR2117 Datasheet HTML 2Page - International Rectifier IR2117 Datasheet HTML 3Page - International Rectifier IR2117 Datasheet HTML 4Page - International Rectifier IR2117 Datasheet HTML 5Page - International Rectifier IR2117 Datasheet HTML 6Page - International Rectifier IR2117 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IR2117
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-77
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
—
125
200
VS = 0V
toff
Turn-Off Propagation Delay
—
105
180
VS = 600V
tr
Turn-On Rise Time
—
80
130
tf
Turn-Off Fall Time
—
40
65
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in Figure 3.
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” Input Voltage
6.4
—
—
VCC = 10V
9.5
—
—
VCC = 15V
12.6
—
—
VCC = 20V
VIL
Logic “0” Input Voltage
—
—
3.8
VCC = 10V
——
6.0
VCC = 15V
——
8.3
VCC = 20V
VOH
High Level Output Voltage, VBIAS - VO
—
—
100
IO = 0A
VOL
Low Level Output Voltage, VO
—
—
100
IO = 0A
ILK
Offset Supply Leakage Current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
—
50
240
VIN = 0V or VCC
IQCC
Quiescent VCC Supply Current
—
70
340
µA
VIN = 0V or VCC
IIN+
Logic “1” Input Bias Current
—
20
40
VIN = VCC
IIN-
Logic “0” Input Bias Current
—
—
1.0
VIN = 0V
VBSUV+
VBS Supply Undervoltage Positive Going Threshold
7.6
8.6
9.6
VBSUV-
VBS Supply Undervoltage Negative Going Threshold
7.2
8.2
9.2
VCCUV+
VCC Supply Undervoltage Positive Going Threshold
7.6
8.6
9.6
VCCUV-
VCC Supply Undervoltage Negative Going Threshold
7.2
8.2
9.2
IO+
Output High Short Circuit Pulsed Current
200
250
—
VO = 0V, VIN =VCC
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
420
500
—
VO = 15V,VIN = 0V
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
V
mV
mA
V
ns
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com