Electronic Components Datasheet Search
  English  ▼

X  

IR2127 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2127
Description  CURRENT SENSING SINGLE CHANNEL DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2127 Datasheet(HTML) 3 Page - International Rectifier

  IR2127 Datasheet HTML 1Page - International Rectifier IR2127 Datasheet HTML 2Page - International Rectifier IR2127 Datasheet HTML 3Page - International Rectifier IR2127 Datasheet HTML 4Page - International Rectifier IR2127 Datasheet HTML 5Page - International Rectifier IR2127 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IR2127
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
B-125
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” Input Voltage
2.7
—
—
VCC = 10V to 20V
VIL
Logic “0” Input Voltage
—
—
0.8
VCC = 10V to 20V
VCSTH+
CS Input Positive Going Threshold
180
250
320
VCC = 10V to 20V
VOH
High Level Output Voltage, VBIAS - VO
—
—
100
mV
IO = 0A
VOL
Low Level Output Voltage, VO
—
—
100
IO = 0A
ILK
Offset Supply Leakage Current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
—
150
300
VIN = 0V or 5V
IQCC
Quiescent VCC Supply Current
—
60
120
VIN = 0V or 5V
IIN+
Logic “1” Input Bias Current
—
7.0
15
µA
VIN = 5V
IIN-
Logic “0” Input Bias Current
—
—
1.0
VIN = 0V
ICS+
“High” CS Bias Current
—
—
1.0
VCS = 3V
ICS-
“High” CS Bias Current
—
—
1.0
VCS = 0V
VBSUV+
VBS Supply Undervoltage Positive Going
8.8
10.3
11.8
Threshold
VBSUV-
VBS Supply Undervoltage Negative Going
7.5
9.0
10.6
Threshold
IO+
Output High Short Circuit Pulsed Current
200
250
—
VO = 0V, VIN = 5V
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
420
500
—
VO = 15V, VIN = 0V
PW
≤ 10 µs
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
—
150
200
VS = 0V
toff
Turn-Off Propagation Delay
—
100
150
VS = 600V
tr
Turn-On Rise Time
—
80
120
tf
Turn-Off Fall Time
—
40
60
ns
tbl
Start-Up Blanking Time
500
750
900
tcs
CS Shutdown Propagation Delay
—
240
360
tflt
CS to FAULT Pull-Up Propagation Delay
—
340
510
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in Figure 3.
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to VS.
mA
V
V
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com