Electronic Components Datasheet Search
  English  ▼

X  

IR2131 Datasheet(PDF) 8 Page - International Rectifier

Part # IR2131
Description  3 HIGH SIDE AND 3 LOW SIDE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2131 Datasheet(HTML) 8 Page - International Rectifier

  IR2131 Datasheet HTML 1Page - International Rectifier IR2131 Datasheet HTML 2Page - International Rectifier IR2131 Datasheet HTML 3Page - International Rectifier IR2131 Datasheet HTML 4Page - International Rectifier IR2131 Datasheet HTML 5Page - International Rectifier IR2131 Datasheet HTML 6Page - International Rectifier IR2131 Datasheet HTML 7Page - International Rectifier IR2131 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IR2131
B-164 CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL
Figure 7. IR2131 TJ vs. Frequency (IRF820)
RGATE = 33
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 9. IR2131 TJ vs. Frequency (IRF840)
RGATE = 15
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 10. IR2131 TJ vs. Frequency (IRF450)
RGATE = 10
Ω
Ω
Ω
Ω
Ω, VCC = 15V
Figure 8. IR2131 TJ vs. Frequency (IRF830)
RGATE = 20
Ω
Ω
Ω
Ω
Ω, VCC = 15V
20
25
30
35
40
45
50
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
25
30
35
40
45
50
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
40
60
80
100
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
20
40
60
80
100
120
140
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
320V
160V
0V
480V
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com