Electronic Components Datasheet Search
  English  ▼

X  

MMBTH10 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTH10
Description  NPN Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTH10 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTH10_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTH10_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBTH10
50 mA, 30 V
NPN Epitaxial Planar Transistor
01-June-2007 Rev. C
Page 1 of 2
1
Base
2
Emitter
Collector
3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
DESCRIPTION
The MMBTH10 is designed for use in VHF & UHF oscillators
and VHF mixer in tuner of a TV receiver.
FEATURES
VHF/UHF Transistor
PACKAGING INFORMATION
Weight: 0.0078g (Approximately)
MARKING CODE
3EM
ABSOLUTE MAXIMUM RATINGS (at T
A = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector Power Dissipation
PC
225
mW
Collector Current - Continuous
IC
50
mA
Emitter - Base Voltage
VEBO
3
V
Collector - Emitter Voltage
VCEO
25
V
Collector - Base Voltage
VCBO
30
V
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector - Base Breakdown Voltage
V(BR)CBO
30
-
-
V
IC=100uA, IE=0
Collector - Emitter Breakdown Voltage
V(BR)CEO
25
-
-
V
IC=1mA, IB=0
Emitter - Base Breakdown Voltage
V(BR)EBO
3
-
-
V
IE=10uA, IC=0
Collector Cut - Off Current
ICBO
-
-
100
nA
VCB=25V, IE=0
Emitter Cut - Off Current
IEBO
-
-
100
nA
VEB=2V, IC=0
Collector - Emitter Saturation Voltage
VCE(sat)
-
-
500
mV
IC=4mA, IB=0.4mA
Base - Emitter Voltage
VBE
-
-
950
mV
VCE=10V, IC=4mA
DC Current Gain
hFE
60
-
-
VCE=10V, IC=4mA
Transition Frequency
fT
650
-
-
MHz
VCE=10V, IC=4mA, f=100MHz
Output Capacitance
Cob
-
-
0.70
pF
VCB=10V, IE=0, f=1MHz
Common - Base Feedback Capacitance
Crb
-
-
0.65
pF
VCB=10V, IE=0, f=1MHz
Collector Base Time Constant
Cc·rbb´
-
-
9
pS
VCB=10V, IC=4mA, f=31.8MHz
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50
SOT-23


Similar Part No. - MMBTH10_15

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
MMBTH10 GSME-MMBTH10_15 Datasheet
294Kb / 3P
SOT-23
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10_15 Datasheet
557Kb / 3P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
Rev 12
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_15 Datasheet
236Kb / 5P
RF TRANSISTOR
More results

Similar Description - MMBTH10_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com