Electronic Components Datasheet Search
  English  ▼

X  

TMP05 Datasheet(PDF) 21 Page - Analog Devices

Part # TMP05
Description  0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP05 Datasheet(HTML) 21 Page - Analog Devices

Back Button TMP05_15 Datasheet HTML 17Page - Analog Devices TMP05_15 Datasheet HTML 18Page - Analog Devices TMP05_15 Datasheet HTML 19Page - Analog Devices TMP05_15 Datasheet HTML 20Page - Analog Devices TMP05_15 Datasheet HTML 21Page - Analog Devices TMP05_15 Datasheet HTML 22Page - Analog Devices TMP05_15 Datasheet HTML 23Page - Analog Devices TMP05_15 Datasheet HTML 24Page - Analog Devices TMP05_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
TMP05/TMP06
Rev. C | Page 21 of 28
YE S
NO
NO
YE S
NO
NO
YES
ENTER INTERRUPT
ROUTINE
CHECK IF TIMER 1
IS RUNNING
COPY TIMER 1 VALUES
INTO A REGISTER
RESET TIMER 1
START TIMER 1
IS TEMPSEGMENT
= 1
CALCULATE
TEMP_HIGH0
RESET TIMER 0
TO ZERO
IS TEMPSEGMENT
= 2
IS TEMPSEGMENT
= 3
CALCULATE
TEMP_LOW1
CALCULATE
TEMP_HIGH2
USING TIMER 0
VALUES
INCREMENT
TEMPSEGMENT
EXIT INTERRUPT
ROUTINE
CALCULATE
TEMP_LOW0
USING TIMER 1
VALUES
CALCULATE
TEMP_HIGH1
USING TIMER 0
VALUES
RESET TIMER 0
TO ZERO
YES
Figure 36. ADuC812 Interrupt Routine Flowchart
TMP05 Program Code Example 1
//=============================================================================================
// Description : This program reads the temperature from 2 daisy-chained TMP05 parts.
//
// This code runs on any standard 8052 part running at 11.0592MHz.
// If an alternative core frequency is used, the only change required is an
// adjustment of the baud rate timings.
//
// P3.2 = Daisy-chain output connected to INT0.
// P3.7 = Conversion control.
// Timer0 is used in gate mode to measure the high time.
// Timer1 is triggered on a high-to-low transition of INT0 and is used to measure
// the low time.
//=============================================================================================



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com