Electronic Components Datasheet Search
  English  ▼

X  

TMP35 Datasheet(PDF) 14 Page - Analog Devices

Part # TMP35
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP35 Datasheet(HTML) 14 Page - Analog Devices

Back Button TMP35_15 Datasheet HTML 10Page - Analog Devices TMP35_15 Datasheet HTML 11Page - Analog Devices TMP35_15 Datasheet HTML 12Page - Analog Devices TMP35_15 Datasheet HTML 13Page - Analog Devices TMP35_15 Datasheet HTML 14Page - Analog Devices TMP35_15 Datasheet HTML 15Page - Analog Devices TMP35_15 Datasheet HTML 16Page - Analog Devices TMP35_15 Datasheet HTML 17Page - Analog Devices TMP35_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TMP35/TMP36/TMP37
Data Sheet
Rev. G | Page 14 of 20
THERMOCOUPLE SIGNAL CONDITIONING WITH
COLD-JUNCTION COMPENSATION
The circuit in Figure 31 conditions the output of a Type K
thermocouple, while providing cold-junction compensation for
temperatures between 0°C and 250°C. The circuit operates from
a single 3.3 V to 5.5 V supply and is designed to produce an
output voltage transfer characteristic of 10 mV/°C.
A Type K thermocouple exhibits a Seebeck coefficient of
approximately 41 µV/°C; therefore, at the cold junction, the
TMP35, with a temperature coefficient of 10 mV/°C, is used
with R1 and R2 to introduce an opposing cold-junction temp-
erature coefficient of −41 µV/°C. This prevents the isothermal,
cold-junction connection between the PCB tracks of the circuit
and the wires of the thermocouple from introducing an error in
the measured temperature. This compensation works extremely
well for circuit ambient temperatures in the range of 20°C to 50°C.
Over a 250°C measurement temperature range, the thermocouple
produces an output voltage change of 10.151 mV. Because the
required output full-scale voltage of the circuit is 2.5 V, the gain
of the circuit is set to 246.3. Choosing R4 equal to 4.99 kΩ sets
R5 equal to 1.22 MΩ. Because the closest 1% value for R5 is
1.21 MΩ, a 50 kΩ potentiometer is used with R5 for fine trim of
the full-scale output voltage. Although the OP193 is a superior
single-supply, micropower operational amplifier, its output stage
is not rail-to-rail; therefore, the 0°C output voltage level is 0.1 V.
If this circuit is digitized by a single-supply ADC, the ADC
common should be adjusted to 0.1 V accordingly.
VOUT
+VS
TMP35
0.1µF
GND
OP193
0.1µF
R11
24.9kΩ
R4
4.99kΩ
R51
1.21MΩ
TYPE K
THERMO-
COUPLE
CU
CU
R21
102Ω
VOUT
0V TO 2.5V
R6
100kΩ
5%
R3
10MΩ
5%
3.3V < +VS < 5.5V
COLD
JUNCTION
CHROMEL
ALUMEL
ISOTHERMAL
BLOCK
0°C ≤ TA ≤ 250°C
7
6
4
3
2
P1
50kΩ
–
+
NOTE:
1 ALL RESISTORS 1% UNLESS OTHERWISE NOTED.
Figure 31. Single-Supply, Type K Thermocouple Signal Conditioning Circuit with Cold-Junction Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com