Electronic Components Datasheet Search
  English  ▼

X  

TMP36 Datasheet(PDF) 19 Page - Analog Devices

Part # TMP36
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP36 Datasheet(HTML) 19 Page - Analog Devices

Back Button TMP36_15 Datasheet HTML 12Page - Analog Devices TMP36_15 Datasheet HTML 13Page - Analog Devices TMP36_15 Datasheet HTML 14Page - Analog Devices TMP36_15 Datasheet HTML 15Page - Analog Devices TMP36_15 Datasheet HTML 16Page - Analog Devices TMP36_15 Datasheet HTML 17Page - Analog Devices TMP36_15 Datasheet HTML 18Page - Analog Devices TMP36_15 Datasheet HTML 19Page - Analog Devices TMP36_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
TMP35/TMP36/TMP37
Rev. G | Page 19 of 20
ORDERING GUIDE
Model1, 2
Accuracy at
25°C (°C max)
Linear Operating
Temperature Range
Package Description
Package
Option
Branding
TMP35FSZ-REEL
±2.0
10°C to 125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
TMP35GRTZ-REEL7
±3.0
10°C to 125°C
5-Lead Small Outline Transistor Package (SOT-23)
RJ-5
#T11
TMP35GT9
±3.0
10°C to 125°C
3-Pin Plastic Header-Style Package (TO-92)
T-3-1
TMP35GT9Z
±3.0
10°C to 125°C
3-Pin Plastic Header-Style Package (TO-92)
T-3-1
ADW75001Z-0REEL7
±3.0
−40°C to +125°C
5-Lead Small Outline Transistor Package (SOT-23)
RJ-5
#T6G
TMP36FS
±2.0
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
TMP36FS-REEL
±2.0
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
TMP36FSZ
±2.0
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
TMP36FSZ-REEL
±2.0
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
TMP36GRT-REEL7
±3.0
−40°C to +125°C
5-Lead Small Outline Transistor Package (SOT-23)
RJ-5
T6G
TMP36GRTZ-REEL7
±3.0
−40°C to +125°C
5-Lead Small Outline Transistor Package (SOT-23)
RJ-5
#T6G
TMP36GSZ
±3.0
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
TMP36GSZ-REEL
±3.0
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
TMP36GSZ-REEL7
±3.0
−40°C to +125°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
TMP36GT9
±3.0
−40°C to +125°C
3-Pin Plastic Header-Style Package (TO-92)
T-3-1
TMP36GT9Z
±3.0
−40°C to +125°C
3-Pin Plastic Header-Style Package (TO-92)
T-3-1
TMP36-PT7
−40°C to +125°C
Chips or Die
TMP37FT9Z
±2.0
5°C to 100°C
3-Pin Plastic Header-Style Package (TO-92)
T-3-1
TMP37GRTZ-REEL7
±3.0
5°C to 100°C
5-Lead Small Outline Transistor Package (SOT-23)
RJ-5
#T12
1
Z = RoHS Compliant Part.
2
W = Qualified for Automotive Applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com