Electronic Components Datasheet Search
  English  ▼

X  

IR6210 Datasheet(PDF) 2 Page - International Rectifier

Part # IR6210
Description  INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR6210 Datasheet(HTML) 2 Page - International Rectifier

  IR6210 Datasheet HTML 1Page - International Rectifier IR6210 Datasheet HTML 2Page - International Rectifier IR6210 Datasheet HTML 3Page - International Rectifier IR6210 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IR6210
Static Electrical Characteristics
(Tc = 25°C unless otherwise specified.)
Absolute Maximum Ratings indicate sustained limits beyond which
damage to the device may occur. (Tc = 25°C unless otherwise specified.)
Absolute Maximum Ratings
Switching Electrical Characteristics
(VCC = 14V, Resistive Load (RL) = 12Ω, TC= 25°C.)
Minimum Typical Maximum Units Test Conditions
tc
Over-Current Cycle Time
—
5
—
ms
Dc
Over-Current Duty Cycle
—
10
—
%
ton
Turn-On Delay Time to 90%
—
—
70
µs
toff
Turn-Off Delay Time to 10%
—
—
60
dv/dton
Slew Rate On
—
3
—
V/µs
dv/dtoff
Slew Rate Off
—
5
—
Minimum Maximum Units
Test Conditions
Vcc
Supply Voltage
Permanent
-0.3
50
Pin 3 to Pin 1
Reverse
16
—
V
(1), for 10 seconds
Voffset
Logic to Power Ground Offset
Vcc -50 Vcc +0.3
Vin
Input Voltage
-0.3
30
I
in
Input Current
—
10
mA
Vout
Output Voltage
Vcc -50 Vcc +0.3
V
I
out
Output Current
Self-limited
Vdg
Diagnostic Output Voltage
-0.3
30
V
I
dg
Diagnostic Output Current
—
10
mA
Eav
Repetitive Avalanche Energy
—
200
mJ
I = 2A (2)
ESD1
Electrostatic Discharge(Human Body Model)
—
4000
V
C = 100 pF, R = 1500Ω
ESD2
Electrostatic Discharge (Machine Model)
—
1000
V
C = 200 pF, R = 0Ω
PD
Power Dissipation
—
28
W
Tcase=25°C
TJop
Operating Junction Temperature Range
-40
Self-limited
TStg
Storage Temperature Range
-40
175
°C
TL
Lead Temperature (Soldering, 10 seconds)
—
300
NOTES: (1) with 15k Ω resistors in input and diagnostic
(2) maximum frequency depends on heatsink (rectangular waveform)
Minimum Typical Maximum Units Test Conditions
Vccop
Operating Voltage Range
5
—
50
V
Iccoff
Sleep Mode Supply Current
—
40
—
µA
Vcc=24V, Vin+0V
Iccon
Supply Current (Average)
—
3
—
mA
Vin= 5V
Iccac
Supply Current (AC RMS)
—
20
—
µA
Vin= 5V
Vih
High Level Input Threshold Voltage
—
2
2.5
V
Vil
Low Level Input Threshold Voltage
1
1.8
—
Ilon
On-State Input Current
10
—
70
Vin= 3.5V
Iloff
Off-State Input Current
1
—
30
µA
Vin= 0.4V
Ioh
Output Leakage Current
—
20
—
Vout= 6V
Iol
Output Leakage Current
0
—
10
Vout= 0V
Vdgl
Low Level Diagnostic Output Voltage
—
0.3
—
V
Idg = 1.6mA
Idgh
Diagnostic Output Leakage Current
0
—
10
µA
Vdg = 5V
RDS(on)
On-State Resistance
—
150
200
mΩ
Iout = 1A
—
200
—Vcc= 5V, Iout = 1A
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com