Electronic Components Datasheet Search
  English  ▼

X  

SU6000RT4UTF Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SU6000RT4UTF
Description  SmartOnline 240/208/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Low-Voltage Transformer,Extended Run, SNMP, Webcard, 6U Rack/Tower,Bypass Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU6000RT4UTF Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SU6000RT4UTF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 7Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BP192V12-3U external battery packs are field replaceable and hot swappable
Some external battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
$250,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
Specifications
OUTPUT
Output Capacity Details
Output capacity de-rates to 4992 watts when used at 208V nominal; Supports up to 105% load continuously in
double conversion mode, 106 to 125% for 1 minute, 126% to 150% for 30 seconds; Loads over 150% trigger
immediate bypass mode operation to support loads directly from mains power; Double conversion mode is
automatically restored as the overload is cleared
Output Volt Amp Capacity (VA)
6000
Output kVA Capacity (kVA)
6.0
Output Watt Capacity (Watts)
5400
Output kW Capacity (kW)
5.4
Power Factor
.9
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
120V; 208V; 240V
Nominal Voltage Details
This configuration requires the Power Module be set to 208 or 240V output voltage; included step-down transformer
supports 120V output (when the voltage-selection switch on the transformer module is set to match the 208 or 240V
power module setting)
Frequency Compatibility
60 Hz
Frequency Compatibility Details
Output frequency regulation +/-0.05Hz (free running)
Output Voltage Regulation (Line
Mode)
+/- 2%
Output Voltage Regulation
(Economy Line Mode)
+/- 10%
Output Voltage Regulation (Battery
Mode)
+/- 2%
Output Receptacles
(4) 5-15R; (8) 5-15/20R; (2) L6-20R; (2) L6-30R
Output Receptacle Details
Output receptacles and input line cord are mounted on a detachable PDU backplate with bypass switch to enable
hot-swappable power module replacement
Output Circuit Breakers
High voltage 20A breaker protects L6-20R outlets, L6-30R outlets are unbreakered; Low voltage 20A breakers
protect 4 5-15/20R outlets each; Low voltage 15A breakers protect 2 5-15/20R outlets each
Output AC Waveform (AC Mode)
Pure Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
31.9A (200V), 30.6A (208V), 29A (220V), 27.7A (230V), 26.6A (240V)
Nominal Input Voltage(s) Supported
208V AC; 240V AC
3 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com