Electronic Components Datasheet Search
  English  ▼

X  

IRF1104 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1104
Description  Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1104 Datasheet(HTML) 1 Page - International Rectifier

  IRF1104 Datasheet HTML 1Page - International Rectifier IRF1104 Datasheet HTML 2Page - International Rectifier IRF1104 Datasheet HTML 3Page - International Rectifier IRF1104 Datasheet HTML 4Page - International Rectifier IRF1104 Datasheet HTML 5Page - International Rectifier IRF1104 Datasheet HTML 6Page - International Rectifier IRF1104 Datasheet HTML 7Page - International Rectifier IRF1104 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF1104
PRELIMINARY
HEXFET® Power MOSFET
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon area.
This benefit, combined with the fast switching speed and ruggedized device
design that HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for use in a wide variety
of applications.
The TO-220 package is universally preferred for all commercial-industrial
applications at power dissipation levels to approximately 50 watts. The low
thermal resistance and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
S
D
G
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
100
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
71
A
IDM
Pulsed Drain Current

400
PD @TC = 25°C
Power Dissipation
170
W
Linear Derating Factor
1.11
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
350
mJ
IAR
Avalanche Current

60
A
EAR
Repetitive Avalanche Energy

17
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.90
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = 40V
RDS(on) = 0.009Ω
ID = 100A
…
TO-220AB
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
4/24/98
www.irf.com
1
PD- 9.1724A


Similar Part No. - IRF1104

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF1104 ISC-IRF1104 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF1104L IRF-IRF1104L Datasheet
208Kb / 10P
HEXFET Power MOSFET
IRF1104LPBF IRF-IRF1104LPBF Datasheet
263Kb / 10P
HEXFET Power MOSFET
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
IRF1104PBF IRF-IRF1104PBF Datasheet
191Kb / 9P
Advanced Process Technology
More results

Similar Description - IRF1104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFBA1404P IRF-IRFBA1404P Datasheet
115Kb / 9P
Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRFPS3810 IRF-IRFPS3810 Datasheet
124Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com