Electronic Components Datasheet Search
  English  ▼

X  

IRF1302L Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1302L
Description  Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1302L Datasheet(HTML) 1 Page - International Rectifier

  IRF1302L Datasheet HTML 1Page - International Rectifier IRF1302L Datasheet HTML 2Page - International Rectifier IRF1302L Datasheet HTML 3Page - International Rectifier IRF1302L Datasheet HTML 4Page - International Rectifier IRF1302L Datasheet HTML 5Page - International Rectifier IRF1302L Datasheet HTML 6Page - International Rectifier IRF1302L Datasheet HTML 7Page - International Rectifier IRF1302L Datasheet HTML 8Page - International Rectifier IRF1302L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
174
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
120
†
A
IDM
Pulsed Drain Current

700
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.4
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
350
mJ
IAR
Avalanche Current

See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
‡
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
TBD
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
HEXFET® Power MOSFET
Specifically designed for Automotive applications, this Stripe Planar
design of HEXFET® Power MOSFET utilizes the lastest processing
techniques to achieve extremely low on-resistance per silicon area.
Additional features of this design are a 175°C junction operating
temperature, fast switching speed and improved repetitive avalanche
rating. These benefits combine to make this design an extremely efficient
and reliable device for use in Automotive applications and a wide variety
of other applications.
S
D
G
Absolute Maximum Ratings
VDSS = 20V
RDS(on) = 4.0mΩ
ID = 174A
†
Description
07/16/02
www.irf.com
1
Benefits
●
Advanced Process Technology
●
Ultra Low On-Resistance
●
Dynamic dv/dt Rating
●
175°C Operating Temperature
●
Fast Switching
●
Repetitive Avalanche Allowed up to Tjmax
AUTOMOTIVE MOSFET
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.74
°C/W
RθJA
Junction-to-Ambient (PCB mount)
ˆ
–––
40
D2Pak
IRF1302S
TO-262
IRF1302L
PD - 94520
IRF1302S
IRF1302L


Similar Part No. - IRF1302L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF1302PBF IRF-IRF1302PBF Datasheet
165Kb / 10P
AUTOMOTIVE MOSFET ( VDSS = 20V , RDS(on) = 4.0m廓 , ID = 180A )
More results

Similar Description - IRF1302L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com