Electronic Components Datasheet Search
  English  ▼

X  

IRF140 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF140
Description  TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF140 Datasheet(HTML) 1 Page - International Rectifier

  IRF140 Datasheet HTML 1Page - International Rectifier IRF140 Datasheet HTML 2Page - International Rectifier IRF140 Datasheet HTML 3Page - International Rectifier IRF140 Datasheet HTML 4Page - International Rectifier IRF140 Datasheet HTML 5Page - International Rectifier IRF140 Datasheet HTML 6Page - International Rectifier IRF140 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 0V, TC = 25°C
Continuous Drain Current
2 8
ID @ VGS = 0V, TC = 100°C
Continuous Drain Current
2 0
IDM
Pulsed Drain Current ➀
112
PD @ TC = 25°C
Max. Power Dissipation
12 5
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
250
mJ
IAR
Avalanche Current ➀
28
A
EAR
Repetitive Avalanche Energy ➀
12.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5(typical)
g
PD - 90369
The HEXFETtechnology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
o C
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRF140
HEXFET
TRANSISTORS
THRU-HOLE (TO-204AA/AE)
01/24/01
www.irf.com
1
100V, N-CHANNEL
TO-3
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF140
100V
0.077
Ω
28A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page


Similar Part No. - IRF140

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF140 FAIRCHILD-IRF140 Datasheet
146Kb / 5P
N-Channel Power MOSFETs, 27 A, 60-100V
logo
Intersil Corporation
IRF140 INTERSIL-IRF140 Datasheet
55Kb / 7P
28A, 100V, 0.077 Ohm, N-Channel Power MOSFET
March 1999
logo
New Jersey Semi-Conduct...
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
N-Channel Power MOSFETs, 27 A, 60-100 V
More results

Similar Description - IRF140

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
IRF5M3710 IRF-IRF5M3710 Datasheet
114Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRF9140 IRF-IRF9140 Datasheet
148Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.2ohm, Id=-18A)
IRFN140 IRF-IRFN140 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFY140CM IRF-IRFY140CM Datasheet
291Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=16*A)
IRC540PBF IRF-IRC540PBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET ( VDSS=100V , RDS(on)=0.077廓 , ID=28A )
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com