Electronic Components Datasheet Search
  English  ▼

X  

RL201 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RL201
Description  2.0A Axial Leaded Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RL201 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RL201 Datasheet HTML 1Page - SUNMATE electronic Co., LTD RL201 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL201 – RL207
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RL201
RL202
RL203
RL204
RL205
RL206
RL207
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
70
A
Forward Voltage
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
20
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
40
K/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
DO-15
Dim
Min
Max
A
25.4
—
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm
1of2
2.0A Axial Leaded Rectifier


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
2.0A Axial Leaded Schottky Rectifier
21DQ06 SUNMATE-21DQ06 Datasheet
231Kb / 2P
2.0A Axial Leaded Schottky Rectifier
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
2.0A Axial Leaded Rectifier
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
BYW52 SUNMATE-BYW52 Datasheet
267Kb / 3P
2.0A Axial Leaded Silicon Rectifier
EGP20A SUNMATE-EGP20A Datasheet
111Kb / 2P
2.0A Axial Leaded High Efficiency Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
2.0A Axial Leaded Rectifier
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com