Electronic Components Datasheet Search
  English  ▼

X  

UPC8129GR Datasheet(PDF) 2 Page - NEC

Part # UPC8129GR
Description  900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8129GR Datasheet(HTML) 2 Page - NEC

  UPC8129GR Datasheet HTML 1Page - NEC UPC8129GR Datasheet HTML 2Page - NEC UPC8129GR Datasheet HTML 3Page - NEC UPC8129GR Datasheet HTML 4Page - NEC UPC8129GR Datasheet HTML 5Page - NEC UPC8129GR Datasheet HTML 6Page - NEC UPC8129GR Datasheet HTML 7Page - NEC UPC8129GR Datasheet HTML 8Page - NEC UPC8129GR Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary Data Sheet P13488EJ1V0DS00
2
µµµµPC8126K
INTERNAL BLOCK DIAGRAM AND PIN CONNECTIONS (Top View)
22
14
13
12
11
10
9
23
24
25
26
27
28
N. C.
GND
RF-LOin
VCC1
MIXout
GND
GND
Q
Qb
Ib
I
GND
21
20
19
18
17
16
15
12345678
÷2
LO
×2
Phase
Shifter
LO
Buffer
I/Q-Mix
LO Pre-Mix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com