Electronic Components Datasheet Search
  English  ▼

X  

SF5403 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SF5403
Description  3A Axial Leaded Super Fast Soft Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SF5403 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SF5403 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SF5403 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3A Axial Leaded Super Fast Soft Recovery Rectifier
Case: DO-201AD sintered glass case
1of2
SF5400-SF5408
Features
@ TA = 25°C unless otherwise specified
·
·
·
·
Mechanical Data
·
·
Glass passivated
Hermetically sealed axial leaded glass envelope
Low reverse current
High reverse voltage
Maximum Ratings and Electrical Characteristics
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
·
·
SYMBOL
SF5
400
SF5
401
SF5
402
SF5
403
SF5
404
SF5
405
SF5
406
SF5
407
SF5
408
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
500
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
350
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
300
400
500
600
800
1000
V
Minimum Reverse Breakdown Voltage
IR = 100
µA
V(BR)R
60
110
220
330
440
550
660
880
1100
V
Maximum Average Forward Rectified Current
3/8”lead length
IFAV
3.0
A
Peak Forward Surge Current at tp=10ms,half
sinewave
IFSM
150
A
Maximum Forward Voltage at rated Forward
Current
VF
1.1
1.7
V
Non-repetitive peak reverse avalanche energy
at IBR(R)=0.4A
ERSM
10
mJ
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
IR
5.0
50.0
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
50
75
nS
Typical Thermal Resistance
(Note 2)
Rth(ja)
70
K/W
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. on PC board with spacing 25 mm
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D


Similar Part No. - SF5403

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF5403 VISHAY-SF5403 Datasheet
51Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
logo
Vanlong Technology Co.,...
SF5403 VANLONG-SF5403 Datasheet
174Kb / 2P
345.00 MHz SAW Filter
logo
Gulf Semiconductor
SF5403 GULFSEMI-SF5403 Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A
logo
Vishay Siliconix
SF5403 VISHAY-SF5403 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
25-May-11
SF5403 VISHAY-SF5403 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
19-Sep-12
More results

Similar Description - SF5403

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT44 VISHAY-BYT44 Datasheet
42Kb / 4P
Super Fast Soft Recovery Rectifier
24-Jun-98
SF4001 VISHAY-SF4001 Datasheet
49Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
SF5400 VISHAY-SF5400 Datasheet
51Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
logo
Frontier Electronics.
SF30-005 FRONTIER-SF30-005 Datasheet
127Kb / 2P
3A SUPER FAST RECOVERY RECTIFIER
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
3A SUPER FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
BYT41A SUNMATE-BYT41A Datasheet
93Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
1.0A Axial Leaded Super Fast Rectifier
SF4001 SUNMATE-SF4001 Datasheet
143Kb / 3P
1A Axial Leaded Super Fast Soft Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com