Electronic Components Datasheet Search
  English  ▼

X  

IRF150 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF150
Description  TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF150 Datasheet(HTML) 1 Page - International Rectifier

  IRF150 Datasheet HTML 1Page - International Rectifier IRF150 Datasheet HTML 2Page - International Rectifier IRF150 Datasheet HTML 3Page - International Rectifier IRF150 Datasheet HTML 4Page - International Rectifier IRF150 Datasheet HTML 5Page - International Rectifier IRF150 Datasheet HTML 6Page - International Rectifier IRF150 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
38
ID @ VGS = 10V, TC = 100°C
Continuous Drain Current
24
I DM
Pulsed Drain Current ➀
152
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
150
mJ
IAR
Avalanche Current ➀
38
A
EAR
Repetitive Avalanche Energy ➀
15
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5 (typical)
g
PD - 90337G
oC
A
08/21/01
www.irf.com
1
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF150
100V
0.055
Ω
38A
For footnotes refer to the last page
REPETITIVE AVALANCHE AND dv/dt RATED
IRF150
HEXFET
TRANSISTORS
JANTX2N6764
THRU-HOLE (TO-204AA/AE)
JANTXV2N6764
[REF:MIL-PRF-19500/543]
The HEXFETtechnology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
TO-3
100V, N-CHANNEL


Similar Part No. - IRF150

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF150 SAMSUNG-IRF150 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF150 SEME-LAB-IRF150 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF150 FAIRCHILD-IRF150 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
Intersil Corporation
IRF150 INTERSIL-IRF150 Datasheet
57Kb / 7P
40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
March 1999
logo
IXYS Corporation
IRF150 IXYS-IRF150 Datasheet
44Kb / 1P
HIGH VOLTAGE POWER MOSFET DIE
More results

Similar Description - IRF150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
IRF140 IRF-IRF140 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF5M3710 IRF-IRF5M3710 Datasheet
114Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRF9140 IRF-IRF9140 Datasheet
148Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.2ohm, Id=-18A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFP264 IRF-IRFP264 Datasheet
168Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A)
IRHNA9160 IRF-IRHNA9160 Datasheet
153Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-38A)
JANTX2N6764 IRF-JANTX2N6764 Datasheet
254Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.055ohm, Id=38A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com