Electronic Components Datasheet Search
  English  ▼

X  

AS400CABLEKIT2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # AS400CABLEKIT2
Description  UPS Communication Cable Kit - System i-AS400/iSeries Servers for select SmartOnline and SmartPro UPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AS400CABLEKIT2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  AS400CABLEKIT2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AS400CABLEKIT2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UPS Communication Cable Kit - System
i/AS400/iSeries Servers for select SmartOnline &
SmartPro UPS
MODEL NUMBER: AS400CABLEKIT2
Description
Tripp Lite's AS400CABLEKIT2 is designed to provide communication and shutdown capability to AS400 / iSeries
/ System i Servers by connecting to compatible SmartOnline and SmartPro UPS systems. Provides protection
from system corruption due to power loss without prior operating system shutdown. Allows server to monitor the
status of the UPS and initiate an automatic, unattended and orderly shutdown when needed. Included device
accessory, cabling, and instructions to support connection to compatible .75-80kVA SmartOnline and select
SmartPro UPS systems.
NOTE: Compatible with select SmartOnline and SmartPro UPS systems specifying the use of this accessory.
Check "Related Items" tab of compatible SmartOnline and SmartPro UPS models to verify compatibility.
Features
Supplies AS400 / iSeries / System i servers with UPS communications and shutdown
Connects between AS400 and UPS DB9/Accessory ports
Complete accessory and cabling included to support full line of SmartOnline and select SmartPro UPS Systems
6ft / 1.8m cable lengths included
Specifications
OVERVIEW
Model Type
Hardware
WARRANTY
Highlights
Provides shutdown capability for
IBM System i / AS400 / iSeries
servers through compatible
SmartOnline and SmartPro UPS
systems
Includes device accessory and
cables for compatibility with
select models of SmartOnline &
SmartPro UPS Systems
Simple installation
Package Includes
RELAYIOCARD w/ configuration
(73-1183) and monitoring
(73-1350) cables for select
.75-20KVA Smart Online and
select SmartPro UPS systems
without dedicated dry contact
capability.
73-1348 Cable for SmartOnline
.75-3kVA Single-Phase and
5-16kVA Split-Phase UPS
systems
73-1349 Cable for SmartOnline
5-80 kVA UPS systems with
dedicated Dry Contact Port
Owner's manuals with warranty
information
1 / 2


Similar Part No. - AS400CABLEKIT2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS400 ETC-AS400 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS400 HOFFMANPRODUCTS-AS400 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Faraday Technology
AS400M FARADAY-AS400M Datasheet
43Kb / 2P
SERIAL DIGITAL AUDIO PASSIVE SIGNAL SPLITTER
logo
List of Unclassifed Man...
AS400SS ETC-AS400SS Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS400SS HOFFMANPRODUCTS-AS400SS Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
More results

Similar Description - AS400CABLEKIT2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART700 ETC2-SMART700 Datasheet
509Kb / 5P
SmartPro Tower UPS System - Intelligent
logo
Tripp Lite. All Rights ...
TLNETCARD TRIPPLITE-TLNETCARD Datasheet
546Kb / 2P
Web Management Accessory Card for SmartPro or SmartOnline UPS Systems
RBC62-1U TRIPPLITE-RBC62-1U Datasheet
156Kb / 2P
1U UPS Replacement 12VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC49-DV TRIPPLITE-RBC49-DV Datasheet
158Kb / 2P
2U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC69-1U TRIPPLITE-RBC69-1U Datasheet
157Kb / 2P
1U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
RBC94-3U TRIPPLITE-RBC94-3U Datasheet
161Kb / 2P
3U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC96-2U TRIPPLITE-RBC96-2U Datasheet
158Kb / 2P
2U UPS Replacement 72VDC Battery Cartridge for select Tripp Lite SmartOnline UPS
RBC9-192 TRIPPLITE-RBC9-192 Datasheet
159Kb / 2P
UPS Replacement 192VDC Battery Cartridge Kit (2 sets of 8) for select Tripp Lite SmartOnline UPS
RBC24-SUTWR TRIPPLITE-RBC24-SUTWR Datasheet
157Kb / 2P
UPS Replacement Battery Cartridge for select Tripp Lite SmartOnline Tower UPS
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com