Electronic Components Datasheet Search
  English  ▼

X  

855596 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855596
Description  320 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855596 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855596 Datasheet HTML 1Page - TriQuint Semiconductor 855596 Datasheet HTML 2Page - TriQuint Semiconductor 855596 Datasheet HTML 3Page - TriQuint Semiconductor 855596 Datasheet HTML 4Page - TriQuint Semiconductor 855596 Datasheet HTML 5Page - TriQuint Semiconductor 855596 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
855596
320 MHz SAW Filter
Data Sheet: Rev - 06/14/11
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) +25 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
320
-
MHz
Minimum Insertion Loss
At Center Frequency
-
19.4
24
dB
Lower 1dB Band Edge
(5)
Upper 1dB Band Edge
(5)
-
332.2
307.9
332.5
308.8
-
MHz
MHz
Lower 45dB Band Edge
(5)
Upper 45dB Band Edge
(5)
301.3
-
302.3
337.4
-
338.5
MHz
MHz
Amplitude Variation
309 – 331 MHz
-
0.47
1.0
dB p-p
Group Delay Variation
309 – 331 MHz
-
32
60
ns p-p
Group Delay
309 – 331 MHz
-
0.56
-
µs
Relative Attenuation
(5)
235 – 275 MHz
275 – 301 MHz
339 – 395 MHz
395 – 435 MHz
41
45
45
41
49
49
48
54
-
-
-
-
dB
dB
dB
dB
Source Impedance (single-ended)
(6)
-
50
-
Load Impedance (single-ended)
(6)
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to loss at center frequency
6.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
(7)
-40 to +85
oC
Storage Temperature
-40 to +85
oC
7.
Device may operate over this range with degraded Electrical Specifications
Operation of this device outside the parameter ranges given above may cause permanent damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com