Electronic Components Datasheet Search
  English  ▼

X  

IRF3205L Datasheet(PDF) 10 Page - International Rectifier

Part # IRF3205L
Description  Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3205L Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF3205L Datasheet HTML 2Page - International Rectifier IRF3205L Datasheet HTML 3Page - International Rectifier IRF3205L Datasheet HTML 4Page - International Rectifier IRF3205L Datasheet HTML 5Page - International Rectifier IRF3205L Datasheet HTML 6Page - International Rectifier IRF3205L Datasheet HTML 7Page - International Rectifier IRF3205L Datasheet HTML 8Page - International Rectifier IRF3205L Datasheet HTML 9Page - International Rectifier IRF3205L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF3205S/L
10
www.irf.com
D2Pak Tape & Reel Information
3
4
4
TR R
F E ED DIR E CT IO N
1.85 (.07 3)
1.65 (.06 5)
1.60 (.0 6 3 )
1.50 (.0 5 9 )
4.10 (.16 1)
3.90 (.15 3)
TR L
F E E D DIREC T IO N
1 0 .90 (.4 29)
1 0 .70 (.4 21)
16.1 0 (.634 )
15.9 0 (.626 )
1.75 (.0 6 9 )
1.25 (.0 4 9 )
11.60 (.45 7)
11.40 (.44 9)
15 .4 2 (.60 9 )
15 .2 2 (.60 1 )
4 .72 (.13 6)
4 .52 (.17 8)
24 .3 0 (.957 )
23 .9 0 (.941 )
0.36 8 (.0 1 45)
0.34 2 (.0 1 35)
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532)
12.80 (.504)
330.00
(14.1 73)
MAX.
27.40 (1.079)
23.90 (.941)
60 .0 0 (2.3 6 2)
M IN .
30.40 (1 .197)
M A X .
26 .40 (1.039)
24 .40 (.961)
NOT E S :
1. C O M F O R M S TO E IA-418.
2 . CONT R O L LIN G DIM ENS IO N: M ILL IM E T ER .
3 . DIM E N S IO N M E A S URE D @ H U B .
4 . INCL UDE S F LAN G E DIST ORT ION @ OUT E R ED G E .
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.3/01
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com