Electronic Components Datasheet Search
  English  ▼

X  

UPC8125 Datasheet(PDF) 2 Page - NEC

Part # UPC8125
Description  UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8125 Datasheet(HTML) 2 Page - NEC

  UPC8125 Datasheet HTML 1Page - NEC UPC8125 Datasheet HTML 2Page - NEC UPC8125 Datasheet HTML 3Page - NEC UPC8125 Datasheet HTML 4Page - NEC UPC8125 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VCC
Supply Voltage
V
2.7
3.0
5.5
TOP
Operating Temperature
°C
-40
+25
+85
fRFout
Up Converter RF Frequency
GHz
1.8
2.0
fUPCONin
Up Converter Input Freq.
MHz
220
270
fMODout
Modulator Output Frequency
fLO1in
Lo1 Input Frequency,
PLO1in = -10 dBm
fLO2in
Lo2 Input Frequency,
MHz 1500
1800
PLO2in = -10 dBm
fI/Qin
I/Q Input Frequency,
MHz
DC
10
VI/Qin = 500 mVp-p MAX
(Single ended)
PLO1in
Lo1 Input Level
dBm (-13) -10
-5
PLO2in
Lo2 Input Level
dBm (-15) -10
-5
VI/Qin
I/Q Input Amplitude,
mVp-p
Single ended Input
500
Differential Input
250
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6.0
VPS
Power Save
Control Voltage
V
6.0
VAGC
AGC Control Voltage
V
6.0
PD
Power Dissipation2
mW
430
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
RECOMMENDED
OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
UPC8125GR
Notes:
1. Operation in excess of any one of these conditions may
result in permanent damage.
2. TA = 25
°C Mounted on a 50x50x1.6 mm double copper
clad epoxy glass board.
Notes:
1. IF frequency range includes Up-Converter IF input, Modulator
IF Output and Modulator LO Input Frequency (LO1).
2. VI/QIN = 600 mVp-p maximum.
TYPICAL PERFORMANCE CURVES (TA = 25°C)
0
2
4
6
8
10
100
200
500
1000
-60
-50
-40
-30
-20
I/Q offset
EVM
∆A
∆φ
0
-10
-20
-30
-40
-50
-60
100
200
500
1000
PRFout
ImR
IM3I/Q
LoL
ERROR VECTOR MAGNITUDE,
AMPLITUDE ERROR, PHASE ERROR,
AND I/Q OFFSET vs. I/Q INPUT VOLTAGE
I/Q Input Voltage, VI/Qin (mVp-p)
I/Q Input Voltage, VI/Qin (mVp-p)
RF OUTPUT POWER vs.
I/Q INPUT VOLTAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com