Electronic Components Datasheet Search
  English  ▼

X  

UPC8158K Datasheet(PDF) 8 Page - NEC

Part # UPC8158K
Description  900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 8 Page - NEC

Back Button UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC UPC8158K Datasheet HTML 6Page - NEC UPC8158K Datasheet HTML 7Page - NEC UPC8158K Datasheet HTML 8Page - NEC UPC8158K Datasheet HTML 9Page - NEC UPC8158K Datasheet HTML 10Page - NEC UPC8158K Datasheet HTML 11Page - NEC UPC8158K Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Preliminary Data Sheet P13488EJ1V0DS00
8
µµµµPC8126K
PIN EXPLANATIONS
Pin
No.
Symbol
Supply
Voltage
(V)
Pin
Voltage (V)
@3 V
Description
Equivalent Circuit
2
LOinb
–
2.6
Bypass of LO input for modulator.
This pin should be externally
grounded through around 33 pF
capacitor.
4
LOin
–
2.6
LO input for the phase shifter.
Connect around 300
Ω between pin
4 and 5 to match to 50
Ω by LC.
2
4
6VCC2
2.7 to 3.6
–
Supply voltage pin for the phase
shifter and IQ Mixer. An internal
regulator helps keep the device
stable against temperature or VCC
variation.
–––––––––––––
7VPS1
(Modulator)
VPS
–
Power save control pin for the
modulator can control On/Sleep
state with bias as follows.
VPS (V)
State
2.2 to 3.6
ON (Active Mode)
0 to 0.5
OFF (Sleep Mode)
7
9GND
(Modulator)
0
–
Ground pin for the modulator.
Connect to the ground with minimum
inductance.
Track length should be kept as short
as possible.
–––––––––––––
10
I
VCC/2
–
Input for I signal.
This input impedance is 180 k
Ω.
In case of that I/Q input signals are
single ended, amplitude of the signal
is 500 mVP-P max.
Note
11
Ib
VCC/2
–
Input for I signal.
This input impedance is 180 k
Ω.
In case of that I/Q input signals are
single ended, VCC/2 biased DC
signal should be input.
In case of that I/Q input signals are
differential, amplitude of the signal is
250 m VP-P max.
Note
10
11
Note Relations between amplitude and VCC/2 bias of input signal are following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com