Electronic Components Datasheet Search
  English  ▼

X  

IRF3707 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF3707
Description  Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3707 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF3707 Datasheet HTML 2Page - International Rectifier IRF3707 Datasheet HTML 3Page - International Rectifier IRF3707 Datasheet HTML 4Page - International Rectifier IRF3707 Datasheet HTML 5Page - International Rectifier IRF3707 Datasheet HTML 6Page - International Rectifier IRF3707 Datasheet HTML 7Page - International Rectifier IRF3707 Datasheet HTML 8Page - International Rectifier IRF3707 Datasheet HTML 9Page - International Rectifier IRF3707 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF3707/3707S/3707L
www.irf.com
7
L E AD AS S IG N M E NT S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
- B -
1 .32 ( .05 2 )
1 .22 ( .04 8 )
3X
0.5 5 (.0 2 2 )
0.4 6 (.0 1 8 )
2 .92 ( .11 5 )
2 .64 ( .10 4 )
4.69 ( .1 8 5 )
4.20 ( .1 6 5 )
3X
0.93 ( .0 3 7 )
0.69 ( .0 2 7 )
4 .06 ( .1 6 0 )
3 .55 ( .1 4 0 )
1.15 ( .045 )
M IN
6.47 (.255 )
6.10 (.240 )
3.7 8 (.1 4 9 )
3.5 4 (.1 3 9 )
- A -
10.54 ( .415 )
10.29 ( .405 )
2.87 ( .1 1 3 )
2.62 ( .1 0 3 )
15.24 ( .600 )
14.84 ( .584 )
1 4 .09 ( .5 5 5 )
1 3 .47 ( .5 3 0 )
3X
1.40 (.0 5 5 )
1.15 (.0 4 5 )
2.54 ( .100 )
2X
0.36 ( .0 1 4 )
M
B
A
M
4
1
2
3
NO T E S :
1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 .
3 O U T L IN E C O N F O R M S T O J E D E C O U T L IN E T O -2 2 0 A B .
2 C O N T R O L L IN G D IM E N S IO N : IN C H
4 H E A T S IN K & L E A D M E A S U R E M E N T S D O N O T INCL UD E B URR S.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
P A RT NU M B E R
IN T E R N A T IO N A L
RE CT IF IE R
L O G O
E XAM PL E : T H IS IS A N IR F 1010
W IT H A S S E M B L Y
L O T C O D E 9 B 1 M
ASS EM BL Y
L O T
C O D E
D A T E CO DE
(Y Y WW)
YY = YEA R
W W = W E E K
9246
IR F 1010
9B
1M
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com