Electronic Components Datasheet Search
  English  ▼

X  

IRF3709 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3709
Description  Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3709 Datasheet(HTML) 1 Page - International Rectifier

  IRF3709 Datasheet HTML 1Page - International Rectifier IRF3709 Datasheet HTML 2Page - International Rectifier IRF3709 Datasheet HTML 3Page - International Rectifier IRF3709 Datasheet HTML 4Page - International Rectifier IRF3709 Datasheet HTML 5Page - International Rectifier IRF3709 Datasheet HTML 6Page - International Rectifier IRF3709 Datasheet HTML 7Page - International Rectifier IRF3709 Datasheet HTML 8Page - International Rectifier IRF3709 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
02/20/01
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-to-Source Voltage
± 20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
90
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
57
A
IDM
Pulsed Drain Current

360
PD @TC = 25°C
Maximum Power Dissipation
ƒ
120
W
PD @TA = 25°C
Maximum Power Dissipation
…
3.1
W
Linear Derating Factor
0.96
mW/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
IRF3709
IRF3709S
IRF3709L
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
30V
9.0m
Ω
90A†
Notes
 through † are on page 11
Absolute Maximum Ratings
D2Pak
IRF3709S
TO-220AB
IRF3709
TO-262
IRF3709L
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.04
RθCS
Case-to-Sink, Flat, Greased Surface
„
0.50
–––
°C/W
RθJA
Junction-to-Ambient
„
–––
62
RθJA
Junction-to-Ambient (PCB mount)
…
–––
40
Applications
Benefits
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l High Frequency Buck Converters for
Server Processor Power Synchronous FET
l Optimized for Synchronous Buck
Converters Including Capacitive Induced
Turn-on Immunity
PD - 94071


Similar Part No. - IRF3709

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF3709 ISC-IRF3709 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF3709LPBF IRF-IRF3709LPBF Datasheet
227Kb / 11P
SMPS MOSFET
IRF3709LPBF IRF-IRF3709LPBF Datasheet
236Kb / 12P
High Frequency Buck Converters for Server Processor Power Synchronous FET
IRF3709PBF IRF-IRF3709PBF Datasheet
227Kb / 11P
SMPS MOSFET
IRF3709PBF IRF-IRF3709PBF Datasheet
236Kb / 12P
High Frequency Buck Converters for Server Processor Power Synchronous FET
More results

Similar Description - IRF3709

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com