Electronic Components Datasheet Search
  English  ▼

X  

S9015 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S9015
Description  Low Frequency, Low Noise Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S9015 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S9015 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S9015 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
S9015
PNP Silicon
Low Frequency, Low Noise Amplifier
DEVICE MARKING
S9015 =M6
Power dissipation
PCM : 0.2 W
Collector Current
ICM : -0.1 A
Collector-base voltage
FEATURES
Collector
3
1
Base
2
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
2
ELECTRICAL CHARACTERISTICS ( Tamp.=25OC unless otherwise specified)
V(BR)CBO : -50 V
Operating & storage junction temperature
Tj, Tstg : - 55OC ~ + 150OC
3
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100
µA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -0.1mA, IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100
µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
µA
DC current gain
hFE(1)
VCE=-5V, IC= -1mA
200
1000
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB= -10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-10mA
-1
V
Transition frequency
fT
VCE=-5V, IC= -10mA
f=30MHz
150
MHz
CLASSIFICATION OF
hFE(1)
Rank
L
H
Range
200-450
450-1000
01-Jun-2004 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - S9015

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S9015 SAMSUNG-S9015 Datasheet
229Kb / 6P
PNP (LOW FREQUENCY, LOW NOISE AMPLIFIER)
logo
Fairchild Semiconductor
S9015 FAIRCHILD-S9015 Datasheet
65Kb / 4P
Low Frequency, Low Noise Amplifier
logo
AUK corp
S9015 AUK-S9015 Datasheet
97Kb / 3P
PNP Silicon Transistor
logo
Weitron Technology
S9015 WEITRON-S9015 Datasheet
877Kb / 4P
PNP General Purpose Transistors
logo
Galaxy Semi-Conductor H...
S9015 BILIN-S9015 Datasheet
187Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - S9015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9015 FAIRCHILD-SS9015 Datasheet
65Kb / 4P
Low Frequency, Low Noise Amplifier
logo
Usha India Ltd.
2SC900 USHA-2SC900 Datasheet
112Kb / 3P
LOW FREQUENCY, LOW NOISE AMPLIFIER
logo
List of Unclassifed Man...
2SC1222 ETC-2SC1222 Datasheet
106Kb / 3P
Transistors LOW FREQUENCY LOW NOISE AMPLIFIER
2SA9015 ETC-2SA9015 Datasheet
86Kb / 2P
LOW FREQUENCY LOW NOISE AMPLIFIER
2SC1335 ETC-2SC1335 Datasheet
78Kb / 2P
LOW FREQUENCY LOW NOISE AMPLIFIER
logo
Fairchild Semiconductor
KSC900 FAIRCHILD-KSC900 Datasheet
42Kb / 4P
Low Frequency & Low Noise Amplifier
logo
SeCoS Halbleitertechnol...
S9015 SECOS-S9015 Datasheet
234Kb / 2P
Low Frequency, Low Noise Amplifier
logo
Fairchild Semiconductor
KSC900LTA FAIRCHILD-KSC900LTA Datasheet
45Kb / 4P
Low Frequency & Low Noise Amplifier
SS9015CTA FAIRCHILD-SS9015CTA Datasheet
72Kb / 4P
Low Frequency, Low Noise Amplifier
SS9015CBU FAIRCHILD-SS9015CBU Datasheet
72Kb / 4P
Low Frequency, Low Noise Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com