Electronic Components Datasheet Search
  English  ▼

X  

IRF450 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF450
Description  TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF450 Datasheet(HTML) 1 Page - International Rectifier

  IRF450 Datasheet HTML 1Page - International Rectifier IRF450 Datasheet HTML 2Page - International Rectifier IRF450 Datasheet HTML 3Page - International Rectifier IRF450 Datasheet HTML 4Page - International Rectifier IRF450 Datasheet HTML 5Page - International Rectifier IRF450 Datasheet HTML 6Page - International Rectifier IRF450 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS =0V, TC = 25°C
Continuous Drain Current
1 2
ID @ VGS = 0V, TC = 100°C
Continuous Drain Current
7.75
IDM
Pulsed Drain Current ➀
48
PD @ TC = 25°C
Max. Power Dissipation
15 0
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
8.0
mJ
IAR
Avalanche Current ➀
12
A
EAR
Repetitive Avalanche Energy ➀
-mJ
dv/dt
Peak Diode Recovery dv/dt ➂
3.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5(typical)
g
PD - 90330F
The HEXFETtechnology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
o C
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRF450
HEXFET
TRANSISTORS
JANTX2N6770
THRU-HOLE (TO-204AA/AE)
JANTXV2N6770
01/22/01
www.irf.com
1
TO-3
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRF450
500V
0.400
Ω 12A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page
500V, N-CHANNEL


Similar Part No. - IRF450

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF450 SAMSUNG-IRF450 Datasheet
214Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
196Kb / 3P
N-CHANNEL POWER MOSFET
More results

Similar Description - IRF450

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF330 IRF-IRF330 Datasheet
146Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A)
IRF350 IRF-IRF350 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.300ohm, Id=14A)
IRF430 IRF-IRF430 Datasheet
146Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF460 IRF-IRF460 Datasheet
140Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21)
IRFI460 IRF-IRFI460 Datasheet
211Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21A)
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
IRHM7450SE IRF-IRHM7450SE Datasheet
122Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
IRHN7450SE IRF-IRHN7450SE Datasheet
111Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.51ohm, Id=12A)
JANTX2N6770 IRF-JANTX2N6770 Datasheet
230Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=500v, Rds(on)=0.40ohm, Id=12A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com