Electronic Components Datasheet Search
  English  ▼

X  

UPD16312 Datasheet(PDF) 13 Page - NEC

Part # UPD16312
Description  1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16312 Datasheet(HTML) 13 Page - NEC

Back Button UPD16312 Datasheet HTML 9Page - NEC UPD16312 Datasheet HTML 10Page - NEC UPD16312 Datasheet HTML 11Page - NEC UPD16312 Datasheet HTML 12Page - NEC UPD16312 Datasheet HTML 13Page - NEC UPD16312 Datasheet HTML 14Page - NEC UPD16312 Datasheet HTML 15Page - NEC UPD16312 Datasheet HTML 16Page - NEC UPD16312 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
PD16312
ELECTRICAL CHARACTERISTICS (Ta =
20 to +70 C, VDD = 4.5 to 5.5 V, VSS = 0 V, VEE = VDD 35 V)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
High-Level Output Voltage
VOH1
0.9 VDD
V
LED1
 LED4, IOH1 = 1 mA
Low-Level Output Voltage
VOL1
1
V
LED1
 LED4, IOL1 = 20 mA
Low-Level Output Voltage
VOL2
0.4
V
DOUT, IOL2 = 4 mA
High-Level Output Current
IOH21
3mA
VO = VDD
2 V, Seg1 to Seg11
High-Level Output Current
IOH22
15
mA
VO = VDD
2 V, Grid1 to Grid6
Seg12/ Grid11 to Seg16/ Grid7
Driver Leakage Current
IOLEAK
10
AVO = VDD 35 V, driver off
Output Pull-Down Resistor
RL
50
100
150
K

Driver output
Input Current
II
1
AVI = VDD or VSS
High-Level Input Voltage
VIH
0.7 VDD
V
Low-Level Input Voltage
VIL
0.3 VDD
V
Hysteresis Voltage
VH
0.35
V
CLK, DIN, STB
Dynamic Current Consumption
IDDdyn
5
mA
Under no load, display off
SWITCHING CHARACTERISTICS (Ta =
20 to +70 C, VDD = 4.5 to 5.5 V, VEE = 30 V)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Oscillation Frequency
tOSC
350
500
650
kHz
R = 51 k

Propagation Delay Time
tPLZ
300
ns
CLK
 DOUT
tPZL
100
ns
CL = 15 pF, RL = 10 k

Rise Time
tTZH1
2
sCL = 300 pF
Seg1 to Seg11
tTZH2
0.5
s
Grid1 to Grid6,
Seg12/Grid11 to
Seg16/Grid7
Fall Time
tTHZ
120
sCL = 300 pF, Segn, Gridn
Maximum Clock Frequency
fmax.
1
MHz
Duty = 50 %
Input Capacitance
CI
15
pF
TIMING CONDITIONS (Ta =
20 to 70 C, VDD = 4.5 to 5.5 V)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Clock Pule Width
PWCLK
400
ns
Strobe Pulse Width
PWSTB
1
s
Data Setup Time
tSETUP
100
ns
Data Hold Time
tHOLD
100
ns
Clock-Strobe Time
tCLK-STB
1
s
CLK
  STB 
Wait Time
tWAIT
1
s
CLK
  CLK Note
Note Refer to page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com