Electronic Components Datasheet Search
  English  ▼

X  

IRF520L Datasheet(PDF) 10 Page - International Rectifier

Part # IRF520L
Description  Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520L Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF520L Datasheet HTML 2Page - International Rectifier IRF520L Datasheet HTML 3Page - International Rectifier IRF520L Datasheet HTML 4Page - International Rectifier IRF520L Datasheet HTML 5Page - International Rectifier IRF520L Datasheet HTML 6Page - International Rectifier IRF520L Datasheet HTML 7Page - International Rectifier IRF520L Datasheet HTML 8Page - International Rectifier IRF520L Datasheet HTML 9Page - International Rectifier IRF520L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF520NS/L
Tape & Reel Information
D2Pak
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
5/98
3
4
4
TR R
F E E D D IRE CTIO N
1.85 ( .0 73)
1.65 ( .0 65)
1.60 (.0 63)
1.50 (.0 59)
4.10 ( .161)
3.90 ( .153)
TR L
F E E D D IRE CTIO N
10.90 (.429)
10.70 (.421)
16.10 ( .634)
15.90 ( .626)
1.75 (.069)
1.25 (.049)
1 1.6 0 (.457)
1 1.4 0 (.449)
15.4 2 (.609)
15.2 2 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13 .5 0 (.53 2)
12 .8 0 (.50 4)
330.00
( 14.1 73)
M AX.
27 .40 ( 1.0 79)
23 .90 ( .94 1)
60.00 (2.3 62)
M IN .
30 .40 (1.19 7)
M A X .
26 .40 (1 .03 9)
24 .40 (.9 61 )
NO T ES :
1. C O M F O R M S T O E IA-4 18.
2. C O N TR O LL IN G D IM E N S IO N : M IL LIM E T E R .
3. DIM E NSIO N M EASU R ED @ H U B.
4. IN C LU D E S F L AN GE D IS T OR T ION @ OU TE R E D GE.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com