Electronic Components Datasheet Search
  English  ▼

X  

IRF520VL Datasheet(PDF) 10 Page - International Rectifier

Part # IRF520VL
Description  Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520VL Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF520VL Datasheet HTML 2Page - International Rectifier IRF520VL Datasheet HTML 3Page - International Rectifier IRF520VL Datasheet HTML 4Page - International Rectifier IRF520VL Datasheet HTML 5Page - International Rectifier IRF520VL Datasheet HTML 6Page - International Rectifier IRF520VL Datasheet HTML 7Page - International Rectifier IRF520VL Datasheet HTML 8Page - International Rectifier IRF520VL Datasheet HTML 9Page - International Rectifier IRF520VL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF520VS/IRF520VL
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.01/02
Dimensions are shown in millimeters (inches)
D2Pak Tape & Reel Information
3
4
4
TR R
F E E D DIR E CT IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E ED DIR E CT IO N
10.90 (.42 9)
10.70 (.42 1)
16.10 (.634)
15.90 (.626)
1.75 (.069 )
1.25 (.049 )
1 1.60 (.45 7)
1 1.40 (.44 9)
1 5.42 (.6 09)
1 5.22 (.6 01)
4.7 2 (.13 6)
4.5 2 (.17 8)
24.30 (.95 7)
23.90 (.94 1)
0.368 (.0145)
0.342 (.0135)
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
M AX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
M IN.
30.40 (1.197)
MA X.
26.40 (1.039)
24.40 (.961)
NO TES :
1. CO MF OR MS TO EIA-418.
2. CO NT RO LLING D IM EN SIO N: M ILLIM ETER .
3. DIM ENS ION M EASUR ED @ HU B.
4. INC LUD ES F LANG E DIST ORT IO N @ O UT ER EDG E.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com