Electronic Components Datasheet Search
  English  ▼

X  

IRF540N Datasheet(PDF) 1 Page - International Rectifier

Part # IRF540N
Description  Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF540N Datasheet(HTML) 1 Page - International Rectifier

  IRF540N Datasheet HTML 1Page - International Rectifier IRF540N Datasheet HTML 2Page - International Rectifier IRF540N Datasheet HTML 3Page - International Rectifier IRF540N Datasheet HTML 4Page - International Rectifier IRF540N Datasheet HTML 5Page - International Rectifier IRF540N Datasheet HTML 6Page - International Rectifier IRF540N Datasheet HTML 7Page - International Rectifier IRF540N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF540N
HEXFET® Power MOSFET
03/13/01
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.15
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 100V
RDS(on) = 44mΩ
ID = 33A
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts.
The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
33
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
23
A
IDM
Pulsed Drain Current

110
PD @TC = 25°C
Power Dissipation
130
W
Linear Derating Factor
0.87
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

16
A
EAR
Repetitive Avalanche Energy

13
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
7.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
PD - 91341B


Similar Part No. - IRF540N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF540N INTERSIL-IRF540N Datasheet
126Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
March 2000
logo
Kersemi Electronic Co.,...
IRF540N KERSEMI-IRF540N Datasheet
734Kb / 8P
Advanced Process Technology
logo
List of Unclassifed Man...
IRF540N ETC2-IRF540N Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Fairchild Semiconductor
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
logo
Multicomp Pro
IRF540N MULTICOMP-IRF540N Datasheet
1Mb / 5P
N Channel MOSFET
05/08/24 V1.0
More results

Similar Description - IRF540N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF540NS IRF-IRF540NS Datasheet
125Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=44mohm, Id=33A)
IRFB33N15D IRF-IRFB33N15D Datasheet
139Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.056ohm, Id=33A)
IRFIZ46N IRF-IRFIZ46N Datasheet
104Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A)
IRFP140N IRF-IRFP140N Datasheet
158Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0,052ohm, Id=33A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com