Electronic Components Datasheet Search
  English  ▼

X  

IRF5801 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF5801
Description  Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5801 Datasheet(HTML) 8 Page - International Rectifier

  IRF5801 Datasheet HTML 1Page - International Rectifier IRF5801 Datasheet HTML 2Page - International Rectifier IRF5801 Datasheet HTML 3Page - International Rectifier IRF5801 Datasheet HTML 4Page - International Rectifier IRF5801 Datasheet HTML 5Page - International Rectifier IRF5801 Datasheet HTML 6Page - International Rectifier IRF5801 Datasheet HTML 7Page - International Rectifier IRF5801 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF5801
8
www.irf.com
Notes:
TSOP-6 Tape & Reel Information
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting T
J = 25°C, L = 27mH
RG = 25Ω, IAS = 0.36A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board, t < 10sec.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† I
SD ≤ 0.36A, di/dt ≤ 93A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C.
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com