Electronic Components Datasheet Search
  English  ▼

X  

XC9131 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9131
Description  1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9131 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9131 Datasheet HTML 15Page - Torex Semiconductor XC9131 Datasheet HTML 16Page - Torex Semiconductor XC9131 Datasheet HTML 17Page - Torex Semiconductor XC9131 Datasheet HTML 18Page - Torex Semiconductor XC9131 Datasheet HTML 19Page - Torex Semiconductor XC9131 Datasheet HTML 20Page - Torex Semiconductor XC9131 Datasheet HTML 21Page - Torex Semiconductor XC9131 Datasheet HTML 22Page - Torex Semiconductor XC9131 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19/28
XC9131
Series
XC9131x05C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
01
2
3
4
5
Output Voltage: VOUT (V)
Ta=85℃
-40℃
25℃
XC9131x05C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
V
OUT=3.3V
XC9131x05C
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
f
OSC=1.2MHz
VOUT=5.0V
3.3V
1.8V
XC9131x05C
0.0
1.0
2.0
3.0
4.0
5.0
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
VLx=5.0V
3.3V
1.8V
V
BAT=VLx, VOUT=VEN=0V
XC9131x05C
200
225
250
275
300
325
350
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage: VIN (V)
V
OUT=5V, fOSC=1.2MHz
L=4.7μH (LTF5022-LC), C
L=22μF (ceramic)
C
IN=10μF(ceramic), CDD=0.47μF (ceramic)
XC9131x05C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VOUT=5.0V
3.3V
1.8V
(9) Lx SW “N-ch” ON Resistance vs. Output Voltage
(11) Lx Leakage Current vs. Ambient Temperature
(12) Soft-Start Time vs. Ambient Temperature
(13) PFM Switch Current vs. Input Voltage
(14) MODE "H", "L" Voltage vs. Output Voltage
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Lx SW “P-ch” ON Resistance vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com