Electronic Components Datasheet Search
  English  ▼

X  

XCL213 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCL213
Description  1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL213 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCL213 Datasheet HTML 1Page - Torex Semiconductor XCL213 Datasheet HTML 2Page - Torex Semiconductor XCL213 Datasheet HTML 3Page - Torex Semiconductor XCL213 Datasheet HTML 4Page - Torex Semiconductor XCL213 Datasheet HTML 5Page - Torex Semiconductor XCL213 Datasheet HTML 6Page - Torex Semiconductor XCL213 Datasheet HTML 7Page - Torex Semiconductor XCL213 Datasheet HTML 8Page - Torex Semiconductor XCL213 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
XCL213/XCL214 Series
■
BLOCK DIAGRAM
* The XCL213 offers a fixed PWM control, a Control Logic of PWM/PFM Selector is fixed at “PWM” internally.
The XCL214 control scheme is a fixed PWM/PFM automatic switching, a Control Logic of PWM/PFM Selector is fixed at “PWM/PFM automatic
switching” internally.
Diodes inside the circuit are an ESD protection diode and a parasitic diode.
■
PRODUCT CLASSIFICATION
●
Ordering Information
XCL213①②③④⑤⑥
PWM
XCL214①②③④⑤⑥
PWM/PFM Automatic switching control
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
B
Refer to Selection Guide
②③
Output Voltage
08~36
Output Voltage options
e.g.)1.2V → ②=1, ③=2
1.25V → ②=1, ③=C
0.05V Increments:
0.05=A,0.15=B,0.25=C,0.35=D,0.45=E,0.55=F,0.65=H,
0.75=K,0.85=L,0.95=M
④
Oscillation Frequency
3
3.0MHz
⑤⑥
Package (Order Unit)
DR
USP-9B01
(*1) (3,000/Reel)
(*1) The XCL213/XCL214 reels are shipped in a moisture-proof packing.
●
Selection Guide
TYPE
OUTPUTT
VOLTAGE
CL AUTO-
DISCHARGE
LATCH or
SHORT
PROTECTION
UVLO
CHIP
ENABLE
CURRENT
LIMIT
SOFT-
START
THERMAL
SHUTDOWN
B
Fixed
Yes
Yes
Yes
Yes
Yes
Fixed
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com