Electronic Components Datasheet Search
  English  ▼

X  

IRF5804 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF5804
Description  Power MOSFET(Vdss=-40V)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5804 Datasheet(HTML) 1 Page - International Rectifier

  IRF5804 Datasheet HTML 1Page - International Rectifier IRF5804 Datasheet HTML 2Page - International Rectifier IRF5804 Datasheet HTML 3Page - International Rectifier IRF5804 Datasheet HTML 4Page - International Rectifier IRF5804 Datasheet HTML 5Page - International Rectifier IRF5804 Datasheet HTML 6Page - International Rectifier IRF5804 Datasheet HTML 7Page - International Rectifier IRF5804 Datasheet HTML 8Page - International Rectifier IRF5804 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-40
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-2.5
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-2.0
A
IDM
Pulsed Drain Current

-10
PD @TA = 25°C
Power Dissipation
ƒ
2.0
PD @TA = 70°C
Power Dissipation
ƒ
1.3
Linear Derating Factor
0.016
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
10/04/01
www.irf.com
1
IRF5804
HEXFET® Power MOSFET
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
-40V
198@VGS = -10V
-2.5A
334@VGS = -4.5V
-2.0A
TSOP-6
These P-channel HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the extremely low on-resistance
per silicon area. This benefit provides the designer
with an extremely efficient device for use in battery and
load management applications.
The TSOP-6 package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on)
60% less than a similar size SOT-23. This package is
ideal for applications where printed circuit board space
is at a premium. It's unique thermal design and RDS(on)
reduction enables a current-handling increase of nearly
300% compared to the SOT-23.
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Low Gate Charge
T op V iew
1
2
D
G
A
D
D
D
S
3
4
5
6
PD - 94333


Similar Part No. - IRF5804

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5804PBF IRF-IRF5804PBF Datasheet
201Kb / 9P
Ultra Low On-Resistance
More results

Similar Description - IRF5804

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7468 IRF-IRF7468 Datasheet
232Kb / 8P
Power MOSFET(Vdss=40V, Id=9.4A)
IRF7469 IRF-IRF7469 Datasheet
114Kb / 8P
Power MOSFET(Vdss=40V, Id=9.0A)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7704 IRF-IRF7704 Datasheet
193Kb / 8P
Power MOSFET(Vdss=-40V)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com