Electronic Components Datasheet Search
  English  ▼

X  

UPC8158K Datasheet(PDF) 8 Page - NEC

Part # UPC8158K
Description  Single Chip Transceiver Silicon MMIC for PHS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 8 Page - NEC

Back Button UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC UPC8158K Datasheet HTML 6Page - NEC UPC8158K Datasheet HTML 7Page - NEC UPC8158K Datasheet HTML 8Page - NEC UPC8158K Datasheet HTML 9Page - NEC UPC8158K Datasheet HTML 10Page - NEC UPC8158K Datasheet HTML 11Page - NEC UPC8158K Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Preliminary Data Sheet
8
µµµµPC8139GR-7JH
PIN FUNCTIONS
Pin
No.
Symbol
Applied
Voltage
(V)
Pin
Voltage
Note
(V)
Function and Description
Internal Equivalent Circuit
1I
VCC/2
–
Input pin for I signal. The input
impedance is about 180 k
Ω.
2Ib
VCC/2
–
Input pin for Ib signal. The input
impedance is about 180 k
Ω. Single
ended input is also possible. In the
case of single ended input, input only
the DC voltage of Vcc/2.
1
2
2.2 k
Ω
470
Ω
470
Ω
3Q
VCC/2
–
Input pin for Q signal. The input
impedance is about 180 k
Ω.
4Qb
VCC/2
–
Input pin for Qb signal. The input
impedance is about 180 k
Ω. Single
ended input is also possible. In the
case of single ended input, input only
the DC voltage of Vcc/2.
3
4
2.2 k
Ω
470
Ω
470
Ω
5VCC1
2.7 to
4.0
–
Power supply voltage pin for the
quadrature modulator block.

6
GND1
0
–
Ground pin for the quadrature
modulator block. Form as wide a
ground pattern as possible to minimize
its impedance.

7VCC2
2.7 to
4.0
–
Power supply voltage pin for the VCO
block.

8
VCOout
–
1.6
Oscillator output pin. The output level
can be adjusted with an external pull-
down resistor.
8
9
GND2
0
–
Ground pin for the VCO block. Form
as wide a ground pattern as possible
to minimize its impedance.

10
VCO_E
–
2.1
Emitter pin for oscillator. Ground with
an external pull-down resistor. It can
be oscillated by performing feedback
with a resonance circuit mounted
externally between this pin and Pin 11.
11
VCO_B
–
2.9
Base pin for oscillator. It can be
oscillated by performing feedback with
a resonance circuit mounted externally
between this pin and Pin 10.
12
VCO_C
2.7 to
4.0
–
Collector pin for oscillator. Open
collector.
12
11
10
: External attachment
Note The pin voltage is measured on Vcc=3.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com