Electronic Components Datasheet Search
  English  ▼

X  

UPD16335 Datasheet(PDF) 8 Page - NEC

Part # UPD16335
Description  96-Bit AC-PDP DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16335 Datasheet(HTML) 8 Page - NEC

Back Button UPD16335 Datasheet HTML 4Page - NEC UPD16335 Datasheet HTML 5Page - NEC UPD16335 Datasheet HTML 6Page - NEC UPD16335 Datasheet HTML 7Page - NEC UPD16335 Datasheet HTML 8Page - NEC UPD16335 Datasheet HTML 9Page - NEC UPD16335 Datasheet HTML 10Page - NEC UPD16335 Datasheet HTML 11Page - NEC UPD16335 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
µPD16335
8
SWITCHING CHARACTERISTICS (TA = 25
°C, VDD1 = 5.0 V, VDD2 = 130 V, VSS1 = VSS2 = 0 V, logic CL
= 15 pF, driver CL = 50 pF, tr = tf = 6.0 ns)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transmission Delay Time
tPHL1
CLK
↓ → A/B
55
ns
tPLH1
55
ns
tPHL2
CLK
↑ (LE = H) → O1 to O96
180
ns
tPLH2
180
ns
tPHL3
BLK
→ O1 to O96
165
ns
tPLH3
165
ns
tPHL4
PC
→ O1 to O96
160
ns
tPLH4
160
ns
tPHZ
OE
→ O1 to O96
300
ns
tPZH
RL = 10 k
Ω
180
ns
tPLZ
300
ns
tPZL
180
ns
Rise Time
tTLH
O1 to O96
120
ns
tTLZ
RL = 10 k
Ω
3
µs
tTZH
O1 to O96
120
ns
Fall Time
tTHL
O1 to O96
150
ns
tTHZ
RL = 10 k
Ω
3
µs
tTZL
O1 to O96
150
ns
Maximum Clock Frequency
fmax.
When data is read, duty 50%
25
MHz
cascade connection, Duty 50%
16
MHz
Input Capacitance
CI
15
pF
TIMING REQUIREMENT (TA = –40 to +85
°C, VDD1 = 4.5 to 5.5 V, VSS1, 2 = 0 V, tr = tf = 6.0 ns)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Clock Pulse Width
PWCLK
20
ns
Latch Enable Pulse Width
PWLE
20
ns
Blank Pulse Width
PWBLK
200
ns
PC Pulse Width
PWPC
200
ns
OE Pulse Width
PWOE
RL = 10 k
Ω
3.3
µs
Data Setup Time
tsetup
7ns
Data Hold Time
thold
10
ns
Latch Enable Time 1
tLE1
20
ns
Latch Enable Time 2
tLE2
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com