Electronic Components Datasheet Search
  English  ▼

X  

IRF640 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF640
Description  Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF640 Datasheet(HTML) 1 Page - International Rectifier

  IRF640 Datasheet HTML 1Page - International Rectifier IRF640 Datasheet HTML 2Page - International Rectifier IRF640 Datasheet HTML 3Page - International Rectifier IRF640 Datasheet HTML 4Page - International Rectifier IRF640 Datasheet HTML 5Page - International Rectifier IRF640 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRF640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640 PHILIPS-IRF640 Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
IRF640 FAIRCHILD-IRF640 Datasheet
916Kb / 10P
200V N-Channel MOSFET
More results

Similar Description - IRF640

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF9Z34S IRF-IRF9Z34S Datasheet
334Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.14ohm, Id=-18A)
IRFI640G IRF-IRFI640G Datasheet
172Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFP240 IRF-IRFP240 Datasheet
165Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=20A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRLI640G IRF-IRLI640G Datasheet
332Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.9A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com